Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPX-SC710 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # DPX-SC710
Description  AMD짰 Embedded R-Series Gaming Platform
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

DPX-SC710 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  DPX-SC710 Datasheet HTML 1Page - Advantech Co., Ltd. DPX-SC710 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech-innocore.com
Innovations in Gaming Computing
DPX®-SC710
OEM Customization and Product
Development
ƒ Advantech-Innocore is part of the Advantech Co., Ltd. Group of Companies.
ƒ Advantech-Innocore specializes in the fields of PC-based hardware design and
software development. Our in-depth knowledge and global resources make us your
ideal partner.
ƒ Specifications subject to change. E&OE.
ƒ Copyright © 2013 Advantech Co., Ltd.
ƒ All rights reserved. Advantech-Innocore, the Advantech-Innocore Logo, DPX,
ConnectBus are trademarks of Advantech Co., Ltd. in the UK, US and other
countries.
ƒ All other trademarks are acknowledged and respected.
Ports
3 x RS232 Serial, 16550 compatible
2 x CCTalk/RS232
2 x RS232/TTL
1 x RS232/485
14 x USB (2x USB 3.0 on front panel, 1x USB 3.0
+ 4x USB 2.0 on board headers, 7x USB 2.0 on
backplane)
2 x I2C, 1x SPI interfaces through backplane
24 channel LED drive output
iButton/GPIO
Bi-Directional, programmable GPIO header for
iButton, special purpose device or security module
Discrete I/O
32 ESD protected inputs
32 OC Outputs (500mA, 50V)
(of which 6 I/O ports can be configured as meter
outputs with disconnect detect, 1 port 24V DC high
current drive for solenoid drive)
LED drive
24 channel LED Intelligent PWM output driver, 256
brightness levels, programmable group brightness,
blinking, (8 ch. with 350mA, 16 ch. 100mA)
Sound
HD 7.1 channel Audio
SRAM (NVRAM)
4096kB fast SRAM (2 banks)
Battery state software readable
TPM
TCPA/TPM 1.2 compliant security device on board.
Watchdog Timer
Programmable time-out
EEPROM
32kB user EEPROM (option for larger)
Asset Tag
Unique serial number devices on motherboard and
main chassis (BSM)
Intrusion Detection
8x Intrusion detection input lines
Operates with and without system active
Logs date/time of last 254 events
Logs system resets/brownouts as events
EEPROM backup for 10 years retention
System Health
Monitoring
Measurement of CPU core temp. with thermal trip.
PWM fan control for APU, MXM, system fans, and 2
other fans through backplane.
Diagnostic LED display
Dual 7- segment LED display for POST and
diagnostic codes
Power Fail Detect
External sensor input for advanced warning of AC
power fail
Expansion
1) 2 x I2C, SPI
2) PCI-Express x16 MXM format graphics card
3) Backplane I/O Expansion module (BSM) provides
customizable expansion (e.g LED PWM drive,
custom high current output, eeprom etc)
Power
12V DC single input
Intelligent power control
Cassette/Backplane "insertion-sense" and protection
for accidental cassette removal
Environment
Operating Temperature: 0 ~ 50° C TBC
Storage Temperature: -20 ~ 85° C
Approvals
EMC: CE, FCC Class A
RoHS, WEEE
Dimensions (D x W x H) 254 x 235 x 191 mm (10.0" x 9.25" x 7.5")
Optional Hardware
Range of PCI-E MXM graphics cards
Compact Flash cards, SATA DOM, SSD storage devices
iButtons®, iButton carrier
Benefits
Best in class integrated and expandable graphics
Single integrated solution
Designed for the Gaming Industry
Serviceable CPU cassette and passive backplane
Small size
Low power
Long Lifecycle
CPU Cassette
DPX-SC710 System
Preliminary
Factory and service friendly
stackable cassette design



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com