Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1389 Datasheet(PDF) 20 Page - Linear Technology

Part # LT1389
Description  Energy Harvesting DC/DC with Battery Backup Low Noise LDO Post Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1389 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1389 Datasheet HTML 12Page - Linear Technology LT1389 Datasheet HTML 13Page - Linear Technology LT1389 Datasheet HTML 14Page - Linear Technology LT1389 Datasheet HTML 15Page - Linear Technology LT1389 Datasheet HTML 16Page - Linear Technology LT1389 Datasheet HTML 17Page - Linear Technology LT1389 Datasheet HTML 18Page - Linear Technology LT1389 Datasheet HTML 19Page - Linear Technology LT1389 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC3330
20
3330p
For more information www.linear.com/LTC3330
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
LINEAR TECHNOLOGY CORPORATION 2013
LT 0313 • PRINTED IN USA
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC3330
UPS System for Wireless Mesh Networks with Output Supercapacitor Energy Storage
relaTeD parTs
Typical applicaTion
PART NUMBER DESCRIPTION
COMMENTS
LT1389
Nanopower Precision Shunt Voltage Reference
800nA Operating Current, 1.25V/2.5V/4.096V
LTC1540
Nanopower Comparator with Reference
0.3μA IQ, Drives 0.01μF, Adjustable Hysteresis, 2V to 11V Input Range
LT3009
3μA IQ, 20mA Low Dropout Linear Regulator
Low 3μA IQ, 1.6V to 20V Range, 20mA Output Current
LTC3108
Ultralow Voltage Step-Up Converter and Power
Manager
Operates from 20mV inputs, LDO, Reserve Output, Power Good
LTC3109
Auto-Polarity, Ultralow Voltage Step-Up
Converter and Power Manager
Operates from 30mV Inputs, Auto-Polarity Architecture, LDO, Energy Storage
Capability, Power Good
LTC3388-1/
LTC3388-3
20V High Efficiency Nanopower Step-Down
Regulator
860nA IQ in Sleep, 2.7V to 20V Input, VOUT: 1.2V to 5.0V, Enable and Standby Pins
LTC3588-1
Piezoelectric Energy Harvesting Power Supply
<1μA IQ in Regulation, 2.7V to 20V Input Range, Integrated Bridge Rectifier
LTC3588-2
Piezoelectric Energy Harvesting Power Supply
<1μA IQ in Regulation, UVLO Rising = 16V, UVLO Falling = 14V, VOUT = 3.45V, 4.1V,
4.5V, 5.0V
LTC4070
Li-Ion/Polymer Shunt Battery Charger System
450nA IQ, 1% Float Voltage Accuracy, 50mA Shunt Current 4.0V/4.1V/4.2V
LTC4071
Li-Ion/Polymer Shunt Battery Charger System
with Low Battery Disconnect
550nA IQ, 1% Float Voltage Accuracy, 50mA Shunt Current 4.0V/4.1V/4.2V, 2.7V or
3.2V Battery Disconnect Levels
1µF
6V
4.7µF, 6V
GND
LTC3330
3330 TA02
AC1
VIN
CAP
VIN2
AC2
SW
SWA
100µH
100µH
SWB
VOUT
SCAP
BAL
PGVOUT
EH_ON
VIN3
1µF
6V
Li-SOCI2
3.65V
10µF
25V
UV3
UV2
UV1
UV0
BAT
IPK2
IPK1
IPK0
OUT2
OUT1
OUT0
+
1µF
6V
VOUT = 3.6V FOR EH_ON = 1
VOUT = 2.5V FOR EH_ON = 0
10mF
2.5V
10mF
2.5V
VSUPPLY
GND
LINEAR TECHNOLOGY DC9003A-A/B
DUST MOTE FOR WIRELESS MESH NETWORKS
PGOOD
EHORBAT
TX
22µF
6V
PIEZO
MIDE V25W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com