Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1389 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1389
Description  Energy Harvesting DC/DC with Battery Backup Low Noise LDO Post Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1389 Datasheet(HTML) 5 Page - Linear Technology

  LT1389 Datasheet HTML 1Page - Linear Technology LT1389 Datasheet HTML 2Page - Linear Technology LT1389 Datasheet HTML 3Page - Linear Technology LT1389 Datasheet HTML 4Page - Linear Technology LT1389 Datasheet HTML 5Page - Linear Technology LT1389 Datasheet HTML 6Page - Linear Technology LT1389 Datasheet HTML 7Page - Linear Technology LT1389 Datasheet HTML 8Page - Linear Technology LT1389 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC3330
5
3330p
For more information www.linear.com/LTC3330
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 5V, BAT = 3.6V, SCAP = OV, LDO_IN = 0V unless
otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ILEAK(P)
PMOS Switch Leakage
Buck/Buck-Boost Regulators
–20
20
nA
ILEAK(N)
NMOS Switch Leakage
Buck/Buck-Boost Regulators
–20
20
nA
Maximum Buck Duty Cycle
Buck/Buck-Boost Regulators
l
100
%
PGVOUT Threshold
As a Percentage of VOUT Target
l
90
92.5
95
%
PGLDO Threshold
As a Percentage of LDO_OUT Target
l
90
92.5
95
%
VIH
Digital Input High Voltage
Pins LDO_EN, OUT[2:0], LDO[2:0],
IPK[2:0], UV[3:0]
l
1.2
V
VIL
Digital Input Low Voltage
Pins LDO_EN, OUT[2:0], LDO[2:0],
IPK[2:0], UV[3:0]
l
0.4
V
IIH
Digital Input High Current
Pins LDO_EN, OUT[2:0], LDO[2:0],
IPK[2:0], UV[3:0]
0
10
nA
IIL
Digital Input Low Current
Pins LDO_EN, OUT[2:0], LDO[2:0],
IPK[2:0], UV[3:0]
0
10
nA
VOH
PGVOUT, PGLDO, EH_ON Output High Voltage
VIN3 = 5V, 10µA Out of Pin
l
4.6
V
VOL
PGVOUT, PGLDO, EH_ON Output Low Voltage
VIN3 = 5V, 10µA into Pin
l
0.4
V
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3330E is tested under pulsed load conditions such that
TJ ≈ TA. The LTC3330E is guaranteed to meet specifications from 0°C to
85°C. The LTC3330I is guaranteed over the –40°C to 125°C operating
junction temperature range. Note that the maximum ambient temperature
consistent with these specifications is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
impedance and other environmental factors.
Note 3: TJ is calculated from the ambient TA and power dissipation PD
according to the following formula: TJ = TA + (PD • θJA).
Note 4: Dynamic supply current is higher due to gate charge being
delivered at the switching frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com