Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3375 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3375
Description  8-Channel Programmable, Parallelable 1A Buck DC/DCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3375 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3375 Datasheet HTML 9Page - Linear Technology LTC3375 Datasheet HTML 10Page - Linear Technology LTC3375 Datasheet HTML 11Page - Linear Technology LTC3375 Datasheet HTML 12Page - Linear Technology LTC3375 Datasheet HTML 13Page - Linear Technology LTC3375 Datasheet HTML 14Page - Linear Technology LTC3375 Datasheet HTML 15Page - Linear Technology LTC3375 Datasheet HTML 16Page - Linear Technology LTC3375 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
LTC3375
13
3375fa
For more information www.linear.com/3375
pin FuncTions
internal 2MHz oscillator will be used. Do not float.
ON (Pin 20): Open-Drain Output. When the PB pin is
pressed and released, the signal is debounced and the
ON signal is held HIGH for a minimum time period that
is scaled by the CT capacitor. ON is forced low if: a) KILL
is not driven high (by µP) within 10 seconds of the initial
valid PB power turn-on event, b) KILL is driven low during
normal operation, c) PB is pressed and held low for 10
seconds during normal operation, d) a RESET_ALL I2C
command is written. This pin can connect directly to a
DC/DC converter enable pin that provides an internal pull-
up. Otherwise a pull-up resistor to an external supply is
required.AllassociatedtimesarescaledbytheCTcapacitor.
PB (Pin 21): Pushbutton Input. Active low. PB is internally
pulled to VCC through a 420k (typical) resistor.
KILL (Pin 22): Kill Input Pin. Forcing KILL low releases
the ON output which in turn is forced low. While KILL is
low, the buck converters will be forced to power down and
will remain powered down for 1 second (scaled by the CT
capacitor) after KILL returns high. During system turn-
on, this pin is blanked by a 10 second (scaled by the CT
capacitor) (tKILLH) to allow the system to pull KILL high.
If unused, connect to VCC.
EN6 (Pin 23): Buck Regulator 6 Enable Input. Active high.
EN5 (Pin 24): Buck Regulator 5 Enable Input. Active high.
FB5 (Pin 25): Buck Regulator 5 Feedback Pin. Receives
feedbackbyaresistordividerconnectedacrosstheoutput.
Connecting FB5 to VIN5 combines buck regulator 5 with
buck regulator 4 for higher current. Up to 4 converters
may be combined in this way.
VIN5 (Pin 26): Buck Regulator 5 Input Supply. Bypass
to GND with a 10µF or larger ceramic capacitor. May be
drivenbyanindependentsupplyormustbeshortedtoVIN4
when buck regulator 5 is combined with buck regulator 4
for higher current.
SW5 (Pin 27): Buck Regulator 5 Switch Node. External
inductor connects to this pin.
SW6 (Pin 28): Buck Regulator 6 Switch Node. External
inductor connects to this pin.
VIN6 (Pin 29): Buck Regulator 6 Input Supply. Bypass
to GND with a 10µF or larger ceramic capacitor. May be
drivenbyanindependentsupplyormustbeshortedtoVIN5
when buck regulator 6 is combined with buck regulator 5
for higher current.
FB6 (Pin 30): Buck Regulator 6 Feedback Pin. Receives
feedbackbyaresistordividerconnectedacrosstheoutput.
Connecting FB6 to VIN6 combines buck regulator 6 with
buck regulator 5 for higher current. Up to 4 converters
may be combined in this way.
FB7 (Pin 31): Buck Regulator 7 Feedback Pin. Receives
feedbackbyaresistordividerconnectedacrosstheoutput.
Connecting FB7 to VIN7 combines buck regulator 7 with
buck regulator 6 for higher current. Up to 4 converters
may be combined in this way.
VIN7 (Pin 32): Buck Regulator 7 Input Supply. Bypass
to GND with a 10µF or larger ceramic capacitor. May be
drivenbyanindependentsupplyormustbeshortedtoVIN6
when buck regulator 7 is combined with buck regulator 6
for higher current.
SW7 (Pin 33): Buck Regulator 7 Switch Node. External
inductor connects to this pin.
SW8 (Pin 34): Buck Regulator 8 Switch Node. External
inductor connects to this pin.
VIN8 (Pin 35): Buck Regulator 8 Input Supply. Bypass
to GND with a 10µF or larger ceramic capacitor. May be
drivenbyanindependentsupplyormustbeshortedtoVIN7
when buck regulator 8 is combined with buck regulator 7
for higher current.
FB8 (Pin 36): Buck Regulator 8 Feedback Pin. Receives
feedbackbyaresistordividerconnectedacrosstheoutput.
Connecting FB8 to VIN8 combines buck regulator 8 with
buck regulator 7 for higher current. Up to 4 converters
may be combined in this way.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com