Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3633 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3633
Description  17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3633 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3633 Datasheet HTML 8Page - Linear Technology LTC3633 Datasheet HTML 9Page - Linear Technology LTC3633 Datasheet HTML 10Page - Linear Technology LTC3633 Datasheet HTML 11Page - Linear Technology LTC3633 Datasheet HTML 12Page - Linear Technology LTC3633 Datasheet HTML 13Page - Linear Technology LTC3633 Datasheet HTML 14Page - Linear Technology LTC3633 Datasheet HTML 15Page - Linear Technology LTC3633 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3621/LTC3621-2
13
3621f
For more information www.linear.com/LTC3621
junction temperature of 41.1°C. If the application calls
for a higher ambient temperature and/or higher switching
frequency, care should be taken to reduce the temperature
rise of the part by using a heat sink or forced air flow.
Board Layout Considerations
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of
the LTC3621 (refer to Figure 3). Check the following in
your layout:
1. Do the capacitors CIN connect to the VIN and GND as
close as possible? These capacitors provide the AC
currenttotheinternalpowerMOSFETsandtheirdrivers.
2. Are COUT and L closely connected? The (–) plate of
COUT returns current to GND and the (–) plate of CIN.
3. The resistive divider, R1 and R2, must be connected
between the (+) plate of COUT and a ground line ter-
minated near GND. The feedback signal VFB should be
routed away from noisy components and traces, such
as the SW line, and its trace should be minimized. Keep
R1 and R2 close to the IC.
4. Solder the exposed pad (Pin 7 for DFN, Pin 9 for MSOP)
on the bottom of the package to the GND plane. Connect
this GND plane to other layers with thermal vias to help
dissipate heat from the LTC3621.
5. Keep sensitive components away from the SW pin. The
input capacitor, CIN, feedback resistors, and INTVCC
bypass capacitors should be routed away from the SW
trace and the inductor.
6. A ground plane is preferred.
7. Flood all unused areas on all layers with copper, which
reduces the temperature rise of power components.
These copper areas should be connected to GND.
Design Example
As a design example, consider using the LTC3621 in an
application with the following specifications:
VIN = 10.8V to 13.2V
VOUT = 3.3V
IOUT(MAX) = 1A
IOUT(MIN) = 0A
fSW = 2.25MHz
Because efficiency and quiescent current is important at
both 500mA and 0A current states, Burst Mode operation
will be utilized.
Given the internal oscillator of 2.25MHz, we can calcu-
late the inductor value for about 40% ripple current at
maximum VIN:
L =
3.3V
2.25MHz •0.4A
 1–
3.3V
13.2V
 =2.75µH
Given this, a 2.7µH or 3.3µH inductor would suffice.
COUT will be selected based on the ESR that is required to
satisfy the output voltage ripple requirement and the bulk
capacitance needed for loop stability. For this design, a
22µF ceramic capacitor will be used.
CIN should be sized for a maximum current rating of:
IRMS =1A
3.3V
13.2V
13.2V
3.3V
–1
1/2
= 0.43A
Decoupling the VIN pin with 10µF ceramic capacitors is
adequate for most applications.
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com