Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3633 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3633
Description  17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3633 Datasheet(HTML) 2 Page - Linear Technology

  LTC3633 Datasheet HTML 1Page - Linear Technology LTC3633 Datasheet HTML 2Page - Linear Technology LTC3633 Datasheet HTML 3Page - Linear Technology LTC3633 Datasheet HTML 4Page - Linear Technology LTC3633 Datasheet HTML 5Page - Linear Technology LTC3633 Datasheet HTML 6Page - Linear Technology LTC3633 Datasheet HTML 7Page - Linear Technology LTC3633 Datasheet HTML 8Page - Linear Technology LTC3633 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3621/LTC3621-2
2
3621f
For more information www.linear.com/LTC3621
absoluTe MaxiMuM raTings
VIN Voltage (Note 2)................................... 17V to –0.3V
SW Voltage DC................................. VIN + 0.3V to –0.3V
Transient (Note 2)...................................19V to –2.0V
RUN Voltage................................................ VIN to –0.3V
MODE, FB Voltages...................................... 6V to –0.3V
(Note 1)
TOP VIEW
MODE
INTVCC
FB
SW
VIN
RUN
DCB PACKAGE
6-LEAD (2mm
× 3mm) PLASTIC DFN
4
5
7
GND
6
3
2
1
TJMAX = 125°C, θJA = 64°C/W, θJC = 9.6°C/W
EXPOSED PAD (PIN 7) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
SW
VIN
RUN
PGOOD
8
7
6
5
SGND
MODE
INTVCC
FB
TOP VIEW
9
GND
MS8E PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 40°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
pin conFiguraTion
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TJ = 25°C. VIN = 12V, unless otherwise noted. (Notes 3, 6)
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3621EDCB#PBF
LTC3621EDCB#TRPBF
LGDG
6-Lead (2mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC3621IDCB#PBF
LTC3621IDCB#TRPBF
LGDG
6-Lead (2mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC3621EMS8E#PBF
LTC3621EMS8E#TRPBF
LTGDH
8-Lead Plastic MSOP
–40°C to 125°C
LTC3621IMS8E#PBF
LTC3621IMS8E#TRPBF
LTGDH
8-Lead Plastic MSOP
–40°C to 125°C
LTC3621EDCB-2#PBF
LTC3621EDCB-2#TRPBF
LGHY
6-Lead (2mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC3621IDCB-2#PBF
LTC3621IDCB-2#TRPBF
LGHY
6-Lead (2mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC3621EMS8E-2#PBF
LTC3621EMS8E-2#TRPBF LTGHZ
8-Lead Plastic MSOP
–40°C to 125°C
LTC3621IMS8E-2#PBF
LTC3621IMS8E-2#TRPBF LTGHZ
8-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
INTVCC, PGOOD Voltages ............................ 6V to –0.3V
Operating Junction Temperature Range
(Note 3).................................................. –40°C to 125°C
Storage Temperature Range .................. –65°C to 125°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Operating Voltage
2.7
17
V
VOUT
Operating Voltage
0.6
VIN
V
IVIN
Input Quiescent Current
Shutdown Mode, VRUN = 0V
Burst Mode Operation
Forced Continuous Mode
(Note 4), VFB < 0.6V
0
3.5
1.5
0.1
4.5
µA
µA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com