Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3602 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3602
Description  Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3602 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3602 Datasheet HTML 5Page - Linear Technology LTC3602 Datasheet HTML 6Page - Linear Technology LTC3602 Datasheet HTML 7Page - Linear Technology LTC3602 Datasheet HTML 8Page - Linear Technology LTC3602 Datasheet HTML 9Page - Linear Technology LTC3602 Datasheet HTML 10Page - Linear Technology LTC3602 Datasheet HTML 11Page - Linear Technology LTC3602 Datasheet HTML 12Page - Linear Technology LTC3602 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTC3633A/LTC3633A-1
9
3633a1f
(QFN/TSSOP)
PIN FUNCTIONS
V2P5 (Pin 18/Pin 21): 2.5V Regulator Output. Outputs a
regulated 2.5V supply voltage capable of supplying 10mA.
Bypass this pin with a minimum of 1μF low ESR ceramic
capacitor. Tie this pin to INTVCC when this output is not
being used in the application.
INTVCC (Pin 19/Pin 22): Internal 3.3V Regulator Output.
The internal power drivers and control circuits are powered
from this voltage. The internal regulator is disabled when
both channel 1 and channel 2 are disabled with the RUN1/
RUN2 inputs. Decouple this pin to power ground with a
minimum of 1μF low ESR ceramic capacitor.
BOOST1 (Pin 20/Pin 23): Boosted Floating Driver Supply
for Channel 1. The (+) terminal of the bootstrap capacitor
connects to this pin while the (–) terminal connects to
the SW pin. The normal operation voltage swing of this
pin ranges from a diode voltage drop below INTVCC up
to VIN + INTVCC.
VIN1 (Pins 21,22/Pins 24, 25): Power Supply Input for
Channel 1. Input voltage to the on chip power MOSFETs
on channel 1. The internal LDO for INTVCC is powered off
of this pin.
SW1 (Pins 23,24/Pins 26, 27): Channel 1 Switch Node
Connection to External Inductor. Voltage swing of SW is
from a diode voltage drop below ground to VIN.
VON1 (Pin 25/Pin 28): On-Time Voltage Input for Chan-
nel 1. This pin sets the voltage trip point for the on-time
comparator. Tying this pin to the regulated output voltage
makes the on-time proportional to VOUT1 when VOUT1 is
within the VON1 sense range (0.6V – 6V for LTC3633A,
1.5V – 12V for LTC3633A-1). When VOUT is outside the
VON sense range, the switching frequency may deviate
from the programmed frequency. The pin impedance is
nominally 140kΩ.
ITH1 (Pin 26/Pin 1): Channel 1 Error Amplifier Output and
Switching Regulator Compensation Pin. Connect this pin
to appropriate external components to compensate the
regulator loop frequency response. Connect this pin to
INTVCC to use the default internal compensation.
TRACKSS1 (Pin 27/Pin 2): Output Tracking and Soft-Start
Input Pin for Channel 1. Forcing a voltage below 0.6V on
this pin bypasses the internal reference input to the error
amplifier. The LTC3633A will servo the FB pin to the TRACK
voltage. Above 0.6V, the tracking function stops and the
internal reference resumes control of the error amplifier.
An internal 1.4μA pull up current from INTVCC allows a
soft-start function to be implemented by connecting a
capacitor between this pin and SGND.
VFB1 (Pin 28/Pin 3): Channel 1 Output Feedback Voltage
Pin. Input to the error amplifier that compares the feedback
voltage to the internal 0.6V reference voltage. Connect this
pin to a resistor divider network to program the desired
output voltage.
PGND (Exposed Pad Pin 29/Exposed Pad Pin 29): Power
Ground Pin. The (–) terminal of the input bypass capaci-
tor, CIN, and the (–) terminal of the output capacitor, COUT,
should be tied to this pin with a low impedance connec-
tion. This pin must be soldered to the PCB to provide low
impedance electrical contact to power ground and good
thermal contact to the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com