Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3602 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC3602
Description  Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3602 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC3602 Datasheet HTML 20Page - Linear Technology LTC3602 Datasheet HTML 21Page - Linear Technology LTC3602 Datasheet HTML 22Page - Linear Technology LTC3602 Datasheet HTML 23Page - Linear Technology LTC3602 Datasheet HTML 24Page - Linear Technology LTC3602 Datasheet HTML 25Page - Linear Technology LTC3602 Datasheet HTML 26Page - Linear Technology LTC3602 Datasheet HTML 27Page - Linear Technology LTC3602 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
LTC3633A/LTC3633A-1
25
3633a1f
TYPICAL APPLICATIONS
1.2V/1.8V Buck Regulator with Coincident Tracking and 6V Input UVLO
RUN1
RUN2
RT
LTC3633A
BOOST2
3633a TA04
0.1μF
L2
0.47μH
R4
10k
R3
10k
SW2
VON2
VIN2
VIN1
VFB2
BOOST1
SW1
VON1
VFB1
COUT2
68μF
VOUT2
1.2V AT 3A
0.1μF
L1
0.68μH
R6
4.99k
R1
10k
COUT1
47μF
VOUT1
1.8V AT 3A
VIN
6V TO 20V
C1
47μF
×2
R5
196k
R7
154k
R8
40k
TRACKSS2
R2
15k
MODE/SYNC
ITH1
ITH2
INTVCC
C2
2.2μF
V2P5
PHMODE
PGND
SGND
VIN1
VIN2
INTVCC
LTC3633A
ITH2
ITH1
MODE/SYNC
3633a TA06
RT
VON1
VON2
VFB1
VFB2
29.4k
1μH
VIN
3.6V TO 20V
C1
22μF
×2
C2
2.2μF
RUN1
RUN2
V2P5
PHMODE
BOOST1
SW1
0.1μF
BOOST2
SW2
0.1μF
PGND
SGND
1μH
COUT
47μF
×2
19.6k
VOUT
1.5V AT 6A
6.04k
1nF
324k
1.5V 1MHz Dual Phase Buck Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com