Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE8601 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8601
Description  50 Ohm SMA Frequency Doubler With Input From2000 MHz To 6000 MHz And Output From 2000 MHz To 6000 MHz With 11 dB Conversion Loss
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8601 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8601 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
TECHNICAL DATA SHEET
50 Ohm SMA Frequency Doubler With Input From 2000 MHz To 6000 MHz And Output From 2000 MHz To
6000 MHz With 11 dB Conversion Loss
Configuration
Design
Doubler
Input Connector
SMA Female
Input Connector Impedance
50 Ohms
Output Connector
SMA Female
Electrical Specifications
Input Frequency Range, GHz
2 to 6
Output Frequency Range, GHz
4 to 12
Fundamental Isolation, dB
25
1dB Compression Point, dBm
13
Mechanical Specifications
Size
Length, in [mm]
1.55 [39.37]
Width/Dia., in [mm]
0.31 [7.87]
Height, in [mm]
0.59 [14.99]
.
Body Material and Plating
Passivated Stainless Steel
Input Connector
Type
SMA Female
Body Material and Plating
Passivated Stainless Steel
Output Connector
Type
SMA Female
Body Material and Plating
Passivated Stainless Steel
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm SMA Frequency Doubler With Input From 2000 MHz To 6000 MHz And Output From
2000 MHz To 6000 MHz With 11 dB Conversion Loss PE8601
PE8601
PE8601 REV
50 Ohm SMA Frequency Doubler With Input From
2000 MHz To 6000 MHz And Output From 2000 MHz
To 6000 MHz With 11 dB Conversion Loss


Similar Part No. - PE8601

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8600 PASTERNACK-PE8600 Datasheet
223Kb / 3P
50 Ohm SMA Frequency Doubler With Input From 1500 MHz To 5000 MHz And Output From 3000 MHz To 10000 MHz With 8.5 dB Conversion Loss
PE8602 PASTERNACK-PE8602 Datasheet
221Kb / 3P
50 Ohm SMA Frequency Doubler With Input From 4000 MHz To 9000 MHz And Output From 8000 MHz
PE8603 PASTERNACK-PE8603 Datasheet
222Kb / 3P
50 Ohm SMA Frequency Doubler With Input From 9000 MHz To 13000 MHz And Output From 18000 MHz To 26000 MHz With 10 dB Conversion Loss
More results

Similar Description - PE8601

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FM-106 MACOM-FM-106 Datasheet
193Kb / 2P
Broadband Frequency Doubler, 400 - 6000 MHz Output
RA62 MACOM-RA62 Datasheet
356Kb / 2P
Cascadable Amplifier 2000 to 6000 MHz
A6011 MACOM-A6011_1 Datasheet
374Kb / 2P
Cascadable Amplifier 2000 to 6000 MHz
logo
M/A-COM Technology Solu...
A6011 MA-COM-A6011 Datasheet
1Mb / 2P
Cascadable Amplifier 2000 to 6000 MHz
RA62 MA-COM-RA62 Datasheet
1Mb / 2P
Cascadable Amplifier 2000 to 6000 MHz
RA63-1 MA-COM-RA63-1 Datasheet
1Mb / 3P
Cascadable Amplifier 2000 to 6000 MHz
logo
Pasternack Enterprises,...
PE8600 PASTERNACK-PE8600 Datasheet
223Kb / 3P
50 Ohm SMA Frequency Doubler With Input From 1500 MHz To 5000 MHz And Output From 3000 MHz To 10000 MHz With 8.5 dB Conversion Loss
PE8602 PASTERNACK-PE8602 Datasheet
221Kb / 3P
50 Ohm SMA Frequency Doubler With Input From 4000 MHz To 9000 MHz And Output From 8000 MHz
PE8603 PASTERNACK-PE8603 Datasheet
222Kb / 3P
50 Ohm SMA Frequency Doubler With Input From 9000 MHz To 13000 MHz And Output From 18000 MHz To 26000 MHz With 10 dB Conversion Loss
logo
Teledyne Technologies I...
A2CP6005 TELEDYNE-A2CP6005 Datasheet
125Kb / 2P
2000-6000 MHz 2000-6000 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com