Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MW174KB Datasheet(PDF) 1 Page - SL Power Electronics

Part # MW174KB
Description  Medical / Switch Mode Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MW174KB Datasheet(HTML) 1 Page - SL Power Electronics

  MW174KB Datasheet HTML 1Page - SL Power Electronics MW174KB Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MW174KB
Universal 40-65 Watt Series
Medical / Switch Mode Power Supply
LineandLoad
LineVoltage+/-1%
Regulation(Excludingcord)
LoadVoltage+/-5%
Ripple
1%Vp-pmax.
TransientResponse
0.5msfor50%
LoadchangeTypical
Protection
Over-currentProtection
(Hiccup)
ShortCircuitProtection
Output Specifications
InputVoltageRange
Universalinput
100-240VAC-10%,+10%
LineFrequency
47-63Hz
InputCurrent
90VACInput
1.5Amax.
Protection
InternalPrimary
CurrentFuse,
InrushLimiting
Input Specifications
ThermalPerformance Operatingtemperature 0°Cto40°C
fullload,noderating
convectionalcooling
Nonventedcase
RelativeHumidity
Non-condensing
5%to95%
Altitude
0-10,000feet
Environmental Specifications
Topology
Switching-Fixed
FrequencyFlyback
Efficiency
DesignedtoMeetEISA
Requirements—see
reverseside
Hold-upTime
@120VAC
18msmin.
DielectricWithstand
4,000VACor5,656VDC
Primary-Secondary;
1,500VACor2,150VDC
Primary-F.G;500VDC
Secondary-F.G
StorageTemp
-30°Cto85°C
Approvalsand
Australian,Japanese
UL60601-1,
SafetyStandards
certificationavailable
IEC/EN60601-1
-extrafeesapply.
EMC:EN60601-1-2
EN55024
MTBF
100,000CalculatedHours
CaseandDimension
DesktopStyle
4.20Lx2.60Wx1.46H(in)
107.0Lx66.0Wx37.0H(mm)
CaseMaterial
Black94V0
Polycarbonate
CordandConnectors
18AWG1,500mm
2Conductor.Ault#3
Connector.Otherconnectors
arealsoavailable.
General Specifications
Specifications
3 Year Warranty
SL Power Electronics Corp 6050 King Drive Ventura, CA 93003 Phone:805.486.4565 Fax:858.712.2040 Email:info@slpower.com www.slpower.com
•100-240VACUniversalInput
•DesktopStyle
•SingleOutputto65W
•FourModelsAvailable;12Vto24V
•RegulatedOutputwithLowRipple
•ImpactResistantPolycarbonateEnclosure
•ModifiedandCustomDesigns
•DesignedtoMeetEISARequirements—
seereversesidefordetails
International Safety Standard Approvals


Similar Part No. - MW174KB

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MW170KB SLPOWER-MW170KB Datasheet
153Kb / 3P
Medical Switch-Mode Power Supply
MW170KB0503F01 SLPOWER-MW170KB0503F01 Datasheet
153Kb / 3P
Medical Switch-Mode Power Supply
MW170KB0603F01 SLPOWER-MW170KB0603F01 Datasheet
153Kb / 3P
Medical Switch-Mode Power Supply
MW170KB0903F01 SLPOWER-MW170KB0903F01 Datasheet
153Kb / 3P
Medical Switch-Mode Power Supply
MW170KB1203F01 SLPOWER-MW170KB1203F01 Datasheet
153Kb / 3P
Medical Switch-Mode Power Supply
More results

Similar Description - MW174KB

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MW152 SLPOWER-MW152 Datasheet
350Kb / 2P
Medical / Switch Mode Power Supply
MENB1010 SLPOWER-MENB1010 Datasheet
147Kb / 2P
Medical Switch-Mode Power Supply
MENB1020 SLPOWER-MENB1020 Datasheet
398Kb / 2P
Medical Switch-Mode Power Supply
MENB1040 SLPOWER-MENB1040 Datasheet
212Kb / 2P
Medical Switch-Mode Power Supply
MENB1050 SLPOWER-MENB1050 Datasheet
261Kb / 2P
Medical Switch-Mode Power Supply
MENB1060 SLPOWER-MENB1060 Datasheet
235Kb / 2P
Medical Switch-Mode Power Supply
MW170KB SLPOWER-MW170KB Datasheet
153Kb / 3P
Medical Switch-Mode Power Supply
MW172KB SLPOWER-MW172KB Datasheet
153Kb / 3P
Medical Switch-Mode Power Supply
MW173KB SLPOWER-MW173KB Datasheet
129Kb / 3P
Medical Switch-Mode Power Supply
MENB1121 SLPOWER-MENB1121_13 Datasheet
180Kb / 2P
Medical Switch-Mode Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com