Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MW174KB Datasheet(PDF) 2 Page - SL Power Electronics

Part # MW174KB
Description  Medical / Switch Mode Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MW174KB Datasheet(HTML) 2 Page - SL Power Electronics

  MW174KB Datasheet HTML 1Page - SL Power Electronics MW174KB Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MW174KB
Universal 40-65 Watt Series
Medical / Switch Mode Power Supply
Output
Max
Ripple
Ault Part Number
Voltage
Max
Watts
Vp-p max.
MW174KB12XX
12V
5.00A
60.0W
120mV
MW174KB15XX
15V
4.00A
60.0W
150mV
MW174KB18XX
18V
3.40A
61.2W
180mV
MW174KB24XX
24V
2.70A
64.8W
240mV
Output Current
MW174
K
B
12
XX
Product
Manufacturing
Design
Voltage
Connector
Family
Location
Revision
DC
Number
Name
Changes
Ault Part Number Key
PinoutCode
Centercontact:positive
Description
Switchcraft760plugorequivalent
SuggestedMating
Switchcraft712Ajackorequivalent
OtherConnectorsareavailablebyspecialorder
Pin Connections
SL Power Electronics Corp 6050 King Drive Ventura, CA 93003 Phone:805.486.4565 Fax:858.712.2040 Email:info@slpower.com www.slpower.com
DataSheet©2008SLPowerElectronicsCorp.Theinformationandspecificationscontainedinthisdatasheetarebelievedtobecorrectattimeofpublication.
However,SLPoweracceptsnoresponsibilityforconsequencesarisingfromreproductionerrorsorinaccuracies.Specificationsaresubjecttochangewithoutnotice.
Rev.6/9/08
Input Configuration
Shaver
C8
(N)
IEC320
w/ground
C14
(F)
IEC320
w/o ground
C18
(Q)
Australian
(E)
N. America/
Japan
(B)
Europe
(M)
United
Kingdom
(G)
For the most current data and application support visit www.slpower.com
TheEnergyIndependenceandSecurityActof2007waspassedinDecember
of2007andaddressesminimumefficiencystandardsandstandbylevels
forClassAexternalpowersuppliesthatare250wattsandunder.Thislaw
stipulatesthatexternalpowersuppliesmanufacturedonJuly1,2008and
beyondmeetcertainminimumefficiencyandstandbycriteriaasdefined
below.
MinimumEfficiencyCriteria
Activemodeisdefinedaswhenapowersupply’sinputisconnectedtoline
voltageACanditsoutputisconnectedtoaDCorACloaddrawingaportion
oftheproduct’spoweroutput.Dependingonthepowerratingforthepower
supply,itmustmeettheminimumefficiencycriteriaoutlinedbelow.
Energy-EfficiencyCriteriaforActiveMode:
outputpoweron
minimumaverage
adapterlabel
efficiencypercentage
0to≤lessthan1watt
≥0.50*outputpoweronadapterlabel
>1to≤51watts
≥[0.09*Ln(outputpoweronadapter
label)]+0.50
>51watts
≥0.85
Thepowersupplymustalsomeetarequirementforwhenitsinputis
connectedtoalinevoltageACbutitsoutputisnotconnectedtoaload.
Dependingonthepoweroutputofthesupply,itmustkeepitsenergy
consumptionbelowthefollowingvalues.
EnergyConsumptionCriteriaforNoLoadMode:
outputpoweron
maximumpowerconsumption
adapterlabel
inno-loadmode
0to<250watts
≤0.5watts
2007 Energy Independence and Security Act – EISA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com