Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMB-920IR Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ASMB-920IR
Description  Dual LGA 2011 Intel짰 Xeon짰 E5 EATX Server Board with DDR3, 2 PCIe x16 (Gen 3.0), PME Expansion Module, SAS RAID
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-920IR Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ASMB-920IR Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-920IR Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Server-grade IPCs
Features
ƒ EATX Server Board with dual Xeon® E5 processor, PME flexible expansion
and 128GB memory capacity
ƒ Dual LGA 2011 Intel® Xeon® E5 2600 processors
ƒ DDR3 1333MHz RDIMM up to 128GB
ƒ Two Gen 3.0 PCIe x16 slots and PME expansion by PCIe x16 connector
ƒ 8 SAS ports, 6 SATA ports, totally 14 storage ports
ƒ 0~40° C ambient operation temperature range
Note: ASMB-920 must be with 2 CPUs to enable PME function, ASMB-920 with
1 CPU can not enable PME.
Dual LGA 2011 Intel® Xeon® E5 EATX Server
Board with DDR3, 2 PCIe x16 (Gen 3.0),
PME Expansion Module, SAS RAID
Specifications
Form Factor
Extended ATX form factor
Processor System
Socket
Intel LGA 2011
CPU type
Intel Xeon E5-2600 dual processor (CPU cooler should be purchased separately and TDP up to 95W)
Core Logic
Chipset
Intel C602J chipset
Memory
Total slots
8 (Quad Channel)
Capacity
Maximum 128 GB ECC RDIMM
Memory type
DDR3 ECC-REG/ECC/Non-ECC 1600/1333/1066 MHz DIMM
Memory size
1 GB, 2 GB, 4 GB, 8 GB, 16 GB
Expansion Slots
Total PCI/PCI-X/PCIe slots
5
Slot location 1
Fit to PME daughter board
Slot location 2
Fit to PME daughter board
Slot location 3
Fit to PME daughter board
Slot location 4
-
Slot location 5
-
Slot location 6
1 x PCIe x16
Slot location 7
1 x PCIe x16
Graphics
VGA
Aspeed AST2300 64 MB
Storage
IDE controller
-
SATA controller
Intel C602J: 4 SATA2 3 Gb/s ports, 2 SATA3 6Gb/s Intel Matrix Storage (for Windows only)
(Supports software RAID 0, 1, 10 & 5)
SAS controller
LSI SAS2008 Controller
Networking
GbE LAN
1 x Intel 82579LM + 1 x Intel 82574L
Onboard I/O Connectors
Floppy connector
-
PSU connector
24-pin SSI power connector + 8-pin SSI 12 V power connector + 8-pin SSI 12 V power connector
USB connector
3 (supports 6 USB port), 1* Type-A
Fan header
5 x 4pin
SMBus
1
Chassis intruder
1
Front LAN LED
2
Audio Header
1
Serial port header
1
Rear I/O Connectors
External serial port
1
External USB port
4
VGA port
1
RJ-45
3 (1 port dedicated for IPMI function)
PS/2 KB/mouse
1
Infiniband
-
Management Solution
Software
-
Out of band remote management
Yes
Monitoring
CPU temperature
Yes
System Monitoring
Yes
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec/min
Power Requirement
Power On
3.3V
5V
12V
5Vsb
-12V
13.69A
8.77A
55.48A
2A
0.5A
Environment
Operating
Non-operating
Temperature
0 ~ 40° C, depends on CPU speed and cooler
solution
-40 ~ 85° C
Humidity
0% ~ 90%
5% ~ 95% (Non condensing)
Physical Characteristics
Dimensions
304.8 x 330.2 mm (12" x 13")
ASMB-920IR
KBMS1
Intel® LGA2011
E5-2600 Processors
2GbE + 4USB
PCIEx16
DDR3 1600 MHz
Max 16 GB
LSI SAS2008
Intel® C602J PCH
8 SAS2
2 SATA3 & 4 SATA2
USB 2.0
COM1 + VGA1
IPMI LAN1
PME MODULE SLOT
Watchdog
H/W Monitor
SMBus
Monitoring
Utilities:
Software APIs:
RoHS
COMPLIANT
2002/95/EC
NEW
All product specifications are subject to change without notice
Last updated : 16-Jan-2013


Similar Part No. - ASMB-920IR

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-922-00A1E ADVANTECH-ASMB-922-00A1E Datasheet
595Kb / 2P
Dual Intel짰 Xeon짰 E5-2600 / 2600 v2 EATX Server Board with DDR3, 3 PCIe x16 1 PCIe x8, PME support
ASMB-922I ADVANTECH-ASMB-922I Datasheet
1Mb / 4P
Intel짰 Xeon짰 E5-2600 series Dual 2011 Socket EATX Server Board with 4 PCIe Expansion Slots
ASMB-922I-00A1E ADVANTECH-ASMB-922I-00A1E Datasheet
595Kb / 2P
Dual Intel짰 Xeon짰 E5-2600 / 2600 v2 EATX Server Board with DDR3, 3 PCIe x16 1 PCIe x8, PME support
ASMB-923 ADVANTECH-ASMB-923 Datasheet
722Kb / 2P
Dual LGA 2011-R3 Intel짰 Xeon짰 E5-2600 v3/v4 EATX Server Board with 8 DDR4, 4 PCIe x16 2 PCIe x8, 4 USB 3.0, IPMI
25-Jan-2018
ASMB-923-00A1E ADVANTECH-ASMB-923-00A1E Datasheet
620Kb / 2P
Dual LGA 2011-R3 Intel Xeon짰 E5-2600v3 EATX Server Board with DDR4, 4 PCIe x16 2 PCIe x8(Gen 3.0), 4 USB 3.0
More results

Similar Description - ASMB-920IR

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-820I ADVANTECH-ASMB-820I Datasheet
2Mb / 2P
LGA 1356 Intel짰 Xeon짰 E5 ATX Server Board with DDR3, 1 PCIe x16 and 1 PCIe x8
ASMB-310IR ADVANTECH-ASMB-310IR Datasheet
2Mb / 2P
Dual LGA 1366 Intel짰 Xeon짰 5500/5600 CEB Server Board with 2 PCIe x16 or 4 PCIe x8, SAS RAID
ASMB-922-00A1E ADVANTECH-ASMB-922-00A1E Datasheet
595Kb / 2P
Dual Intel짰 Xeon짰 E5-2600 / 2600 v2 EATX Server Board with DDR3, 3 PCIe x16 1 PCIe x8, PME support
ASMB-923-00A1E ADVANTECH-ASMB-923-00A1E Datasheet
620Kb / 2P
Dual LGA 2011-R3 Intel Xeon짰 E5-2600v3 EATX Server Board with DDR4, 4 PCIe x16 2 PCIe x8(Gen 3.0), 4 USB 3.0
SYS-4U4000-4S03 ADVANTECH-SYS-4U4000-4S03_15 Datasheet
736Kb / 2P
4U LGA 2011 Xeon짰 E5 Server with 6 x DDR3, 5 x PCIe x16 slot (Gen 3.0), IPMI
ASMB-820I-00A1E ADVANTECH-ASMB-820I-00A1E Datasheet
581Kb / 2P
LGA 1356 Intel짰 Xeon짰 E5 ATX Server Board with DDR3, 1 PCIe x16 and 1 PCIe x8
ASMB-913-00A1E ADVANTECH-ASMB-913-00A1E Datasheet
755Kb / 2P
Dual LGA 2011-R3 Intel Xeon짰 E5-2600 v3 EATX Server Board with 16 x DDR4 DIMM,3 PCIe x16, 6 USB 3.0, PME support
ASMB-913 ADVANTECH-ASMB-913_V01 Datasheet
707Kb / 2P
Dual LGA 2011-R3 Intel짰 Xeon짰 E5-2600 v3/v4 EATX Server Board with 16 DDR4 DIMM, 3 PCIe x16, 6 USB 3.0, PME support, IPMI
25-Jan-2018
ASMB-923 ADVANTECH-ASMB-923_V01 Datasheet
722Kb / 2P
Dual LGA 2011-R3 Intel짰 Xeon짰 E5-2600 v3/v4 EATX Server Board with 8 DDR4, 4 PCIe x16 2 PCIe x8, 4 USB 3.0, IPMI
25-Jan-2018
ASMB-922I ADVANTECH-ASMB-922I Datasheet
1Mb / 4P
Intel짰 Xeon짰 E5-2600 series Dual 2011 Socket EATX Server Board with 4 PCIe Expansion Slots
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com