Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMB-920IR Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ASMB-920IR
Description  Dual LGA 2011 Intel짰 Xeon짰 E5 EATX Server Board with DDR3, 2 PCIe x16 (Gen 3.0), PME Expansion Module, SAS RAID
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-920IR Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ASMB-920IR Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-920IR Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
ASMB-920IR
Ordering Information
Part Number
Chipset Memory
GbE LAN IPMI SAS
ASMB-920-00A1E
C602J
DDR3 ECC/Un-ECC 2
-
-
ASMB-920IR-00A1E
C602J
DDR3 ECC/Un-ECC 2
Yes
Yes
Packing List
Part Number
Description
Quantity
2062920I00
Driver CD
x 1
2002920I10
Startup manual
x 1
1700003194
SATA data cables
x 2
1703150102
SATA power cables
x 2
1960052312T000
I/O shield
x 1
Optional Accessories
Part Number
Description
ASMB-FF3PX-12A1E PME card with 2 PCI-X and 1 PCI slots
ASMB-FF20F-02A1E PME card with 2 PCIe x16 slots
ASMB-FF208-02A1E PME card with 2 PCIe x 8 slots
PCA-AUDIO-HDA1E
HD Audio-card
PCA-TPM-00A1E
TPM Module
1960055362N001
LGA2011 CPU cooler for 2U/4U chassis
1960057226N001
LGA2011 CPU heatsink for 1U chassis
1700002204
Dual port USB cable (27 cm) with bracket
1700008461
Four port USB cable (30.5 cm) with bracket
1701090401
COM port cable with bracket
Note: ASMB-920 must be with 2 CPUs to enable PME function, ASMB-920 with 1 CPU
can not enable PME.
Bracket View
ASMB-920IR-00A1E
ASMB-920-00A1E
DDR3 Memory
QPI PORT 0: 8.0 GT/s
Intel E5-2600 series
processor
(CPU 0)
Intel E5-2600 series
processor
(CPU 1)
QPI PORT 1: 8.0 GT/s
Channel 3
Channel 2
Flash
LSI
SAS2008
PCIE x16 slot(x16 link)-PME
Channel 1
Channel 0
Channel 3
Channel 2
Channel 1
Channel 0
PClE Gen3 x16
8* SAS II connector
NVSRAM
EEPROM
PCIE x16 slot(x16 link)-7
PCIE GEN2 x 4
Intel C602J PCH
2* SATA III
4* SATA II
BIOS SPI FLASH
PCIE GEN1 x 1
Intel
82579LM
Gbit LAN
LAN
Port
LAN
Port
LAN
Port
Gbit LAN
PCI-E GEN I x1
LPC(33MHz)
USB 2.0
Video
AST2300
NC-SI Port
(RMII)50Mbps
PCIE GEN2 x 1
Intel
82574L
VGA
Port
RMII
Realtek
8201EL-
VB
10/100Mbps
SIO
NCT6776
Serial
Port
Serial
2x5 HDR
Internal Serial Port
Serial
Keyboard/
Mouse Port
PS/2
Port 80
HDR
TPM Module
(Optional)
USB 2.0
HD Audio
header
DDR3 Memory
DDR3 Memory
DDR3 Memory
DDR3 Memory
DDR3 Memory
DDR3 Memory
DDR3 Memory
10* USB port
1* USB TypeA
USB 2.0
PCIE x16 slot(x16 link)-6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com