Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC-7280-R8A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # HPC-7280-R8A1E
Description  2U Rackmount Chassis for EATX Server Board with 8 Hot-swap Drive Bays, Redundant PSU, and 3 Expansion Slots
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

HPC-7280-R8A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  HPC-7280-R8A1E Datasheet HTML 1Page - Advantech Co., Ltd. HPC-7280-R8A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Server-grade IPCs
Features
ƒ 2U rackmount chassis supports ATX/CEB/EATX motherboard
ƒ Eight hot swap SAS/SATA drive bays
ƒ Hot swap fan module design facilitates maintenance
ƒ 800 W (1+1) redundant power supply
ƒ Lockable front bezel prevents unauthorized access
Note: ASMB-RF3X8-21A1E riser card is built-in.
HPC-7280
2U Rackmount Chassis for
EATX Server Board with 8 Hot-swap Drive
Bays, Redundant PSU, and 3 Expansion Slots
Specifications
Form Factor Support
2U chassis support for max. motherboard size - 12" x 13" EATX
Expansion Slots
64bit PCI-X slot x 2 (When 1 slot is used, max. 133MHz is supported; when 2 slots are used, max. 100MHz
is supported)
PCIe x 8 slot x 1
* Note: Expansion slots are supported by built-in ASMB-RF3X8-21A1E riser card.
Drive Bay
Slim ODD Bay
1 (ODD should be purchased separately)
5.25" (front-accessible)
-
3.5" (hot-swappable)
8 (Lockable)
3.5" (internal)
-
2.5" (front-accessible)
-
2.5" (internal)
2
Cooling
Chassis Fan
3 (8 cm / 90.04 CFM)
Air Filter
-
System Monitoring
Chassis intrusion switch
Front I/O Interface
USB
1
PS/2
-
Miscellaneous
LED Indicators
Power, HDD activity, LAN
Rear Panel
-
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-40 ~ 70° C (-40 ~ 158° F)
Humidity
10 ~ 85% @ 40° C non-condensing
10 ~ 95% @ 40° C, non-condensing
Vibration (5~500 Hz)
1 Grms
2 Grms
Shock
10 G
30 G
(with 11 ms duration, half sine wave)
Physical Characteristics
Dimensions (W x H x D)
482.6 x 88 x 700 mm (2U)
Weight
28 kg
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 7-Feb-2013


Similar Part No. - HPC-7280-R8A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
HPC-7282 ADVANTECH-HPC-7282 Datasheet
920Kb / 2P
2U Rackmount Chassis for Micro/ATX Server Board with 8 Hot-swap Drive Bays, 7 Low Profile Expansion Slots
13-Sep-2017
HPC-7282-00A1E ADVANTECH-HPC-7282-00A1E Datasheet
974Kb / 2P
2U Rackmount Chassis for Micro/ATX Server Board with 8 Hot-swap Drive Bays, 7 Low Profile Expansion Slots
HPC-7282-00A1E ADVANTECH-HPC-7282-00A1E Datasheet
920Kb / 2P
2U Rackmount Chassis for Micro/ATX Server Board with 8 Hot-swap Drive Bays, 7 Low Profile Expansion Slots
13-Sep-2017
HPC-7282 ADVANTECH-HPC-7282_V01 Datasheet
920Kb / 2P
2U Rackmount Chassis for Micro/ATX Server Board with 8 Hot-swap Drive Bays, 7 Low Profile Expansion Slots
13-Sep-2017
More results

Similar Description - HPC-7280-R8A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
HPC-7180 ADVANTECH-HPC-7180 Datasheet
505Kb / 2P
1U Rackmount Server Chassis for EATX Server board with 8 x 2.5" Hot-swap Drive Bays and 1 FH/FL PCI-E x16 Expansion Slot
HPC-7480 ADVANTECH-HPC-7480 Datasheet
856Kb / 2P
4U Rackmount/Tower Chassis for EATX Server Board with 8 Hot-swap Drive Bays, Single PSU and 7 Expansion Slots
HPC-7282-00A1E ADVANTECH-HPC-7282-00A1E Datasheet
974Kb / 2P
2U Rackmount Chassis for Micro/ATX Server Board with 8 Hot-swap Drive Bays, 7 Low Profile Expansion Slots
HPC-7480 ADVANTECH-HPC-7480_15 Datasheet
1Mb / 2P
4U Rackmount/Tower Chassis for EATX Server Board with 8 Hot-swap Drive Bays, Single PSU and 7 Expansion Slots
HPC-8212 ADVANTECH-HPC-8212 Datasheet
931Kb / 2P
2U Storage Chassis for ATX/EATX Serverboard with 12 Hot-swap Drive Bays
HPC-8212 ADVANTECH-HPC-8212_17 Datasheet
1Mb / 2P
2U Storage Chassis for ATX/EATX Serverboard with 24 Hot-swap Drive Bays
HPC-8224 ADVANTECH-HPC-8224 Datasheet
1Mb / 2P
2U Storage Chassis for ATX/EATX Serverboard with 24 Hot-swap Drive Bays
HPC-8224 ADVANTECH-HPC-8224_V01 Datasheet
1Mb / 2P
2U Storage Chassis for ATX/EATX Serverboard with 24 Hot-swap Drive Bays
24-Mar-2021
HPC-7282 ADVANTECH-HPC-7282_V01 Datasheet
920Kb / 2P
2U Rackmount Chassis for Micro/ATX Server Board with 8 Hot-swap Drive Bays, 7 Low Profile Expansion Slots
13-Sep-2017
HPC-8108 ADVANTECH-HPC-8108 Datasheet
689Kb / 2P
1U Storage Chassis for EATX/ATX Server board with 8 hot-swap Drive Bays
9-Mar-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com