Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC-7280-R8A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # HPC-7280-R8A1E
Description  2U Rackmount Chassis for EATX Server Board with 8 Hot-swap Drive Bays, Redundant PSU, and 3 Expansion Slots
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

HPC-7280-R8A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  HPC-7280-R8A1E Datasheet HTML 1Page - Advantech Co., Ltd. HPC-7280-R8A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm [inch]
HPC-7280
Ordering Information
Part Number
Power Supply
HPC-7280-R8A1E
1+1 800 W Redundant Power Supply
Packing List
Description
Quantity
800W Redundant Power Supply Module (Pre-installed)
x 2
Hot-swap 3.5" HDD Trays (Pre-installed)
x 8
ASMB-RF3X8 Riser Card (Pre-installed)
x 1
System Accessory (SATA Cable for Slim ODD x 1, Mini-SAS to
4 SATAs Cable x 2, Drive Bay Key x 2, Bezel Key x 2)
x 1
Startup Manual
x 1
Optional Accessories
Part Number
Description
19Z0000215N000
HPC-7280 Chassis Rail Kit
96CB-SAS-SAS-0.8
Mini-SAS cable kit for add-on SAS RAID card*
*Note: When using add-on RAID card with mini-SAS connector(s), purchasing
96CB-SAS-SAS-0.8 cable is a MUST, single port RAID card needs 1 piece, dual port
needs 2 pieces
Inside View
465 (18.31)
453 (17.83)
432.20 (17.02)
87.90 (3.46)
Front View
LAN2 LED, LAN1 LED
HDD Activity LED PWR LED
Reset button, Power button USB ODD Dummy cover
Support eight
hot-swap HDDs
Rear View
Three FH/FL
expansion slots
1+1 800W redundant
power supply
Supports eight 3.5" SAS/SATA
hot-swap HDDs
Hot-swappable fan
module for easy
maintenance
ATX/CEB/EEB form
factor standoff
800W 1+1
high-power efficiency
power supply
Rack-mount ears
pre-installed



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com