Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2867006802 Datasheet(PDF) 1 Page - Fair-Rite Products Corp.

Part # 2867006802
Description  67 MULTI-APERTURE CORE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIR-RITE [Fair-Rite Products Corp.]
Direct Link  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

2867006802 Datasheet(HTML) 1 Page - Fair-Rite Products Corp.

  2867006802 Datasheet HTML 1Page - Fair-Rite Products Corp. 2867006802 Datasheet HTML 2Page - Fair-Rite Products Corp. 2867006802 Datasheet HTML 3Page - Fair-Rite Products Corp. 2867006802 Datasheet HTML 4Page - Fair-Rite Products Corp. 2867006802 Datasheet HTML 5Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Fair-Rite Products Corp. PO Box J,One Commercial Row, Wallkill, NY 12589-0288
Phone: (888) 324-7748 www.fair-rite.com
Fair-Rite Product's Catalog
Part Data Sheet, 2867006802
Printed: 2010-11-09
Part Number:
2867006802
Frequency Range: Broadband and Inductive Designs 10-100 MHz (67 material)
Description:
67 MULTI-APERTURE CORE
Application:
Suppression Components
Where Used:
Board Component
Part Type:
Multi-Aperture cores
Mechanical Specifications
Weight:
7.000
(g)
Part Type Information
Multi-aperture cores are used in suppression applications and in balun (balance-unbalance) and other broadband transformers. They
are also employed in airbag designs to prevent accidental activation.
-All multi-aperture cores are supplied burnished.
-Multi-aperture cores in 73 and 43 materials are controlled for impedance only. The 61 NiZn material is controlled for both impedance
and AL value. The high frequency 67 material is controlled for AL value. All listed impedance values are typical values. Minimum
impedance values are specified for the + marked frequencies. The minimum guaranteed impedance is the listed typical impedance less 20%.
-Multi-aperture cores in 73 and 43 material are measured for impedance on the 4193A Vector Impedance Analyzer. The 61 multi-aperture
cores are tested on the 4191A Impedance Analyzer. All impedance measurements are performed with a single turn to both holes, using the
shortest practical wire length.
-The 61 and 67 material multi-hole beads are tested for AL value. The test frequency is 10 kHz at < 10 gauss. The test winding is
five turns wound through both holes.
-Preferred multi-aperture cores are the suggested choice for new designs. Samples are readily available and orders have typically
shorter lead times than other multi-aperture cores. For any multi-aperture requirement not listed here, feel free to contact our
customer service group for availability and pricing.
-Our 'Multi-Aperture Core Kit' (part number 0199000036) is available for proto type evaluation.
-Explanation of Part Numbers: Digits 1&2 = product class, 3&4 = material grade last digit 2 = burnished.


Similar Part No. - 2867006802

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2867006802 FAIR-RITE-2867006802 Datasheet
601Kb / 2P
Multi- Aperture cores
2867006802 FAIR-RITE-2867006802_18 Datasheet
601Kb / 2P
Multi- Aperture cores
More results

Similar Description - 2867006802

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2843000302 FAIR-RITE-2843000302 Datasheet
526Kb / 5P
43 MULTI-APERTURE CORE
2843002302 FAIR-RITE-2843002302 Datasheet
529Kb / 5P
43 MULTI-APERTURE CORE
2861001702 FAIR-RITE-2861001702 Datasheet
571Kb / 5P
61 MULTI-APERTURE CORE
2867000102 FAIR-RITE-2867000102 Datasheet
526Kb / 5P
67 MULTI-APERTURE CORE
2867000302 FAIR-RITE-2867000302 Datasheet
523Kb / 5P
67 MULTI-APERTURE CORE
2867001502 FAIR-RITE-2867001502 Datasheet
525Kb / 5P
67 MULTI-APERTURE CORE
2867002302 FAIR-RITE-2867002302 Datasheet
525Kb / 5P
67 MULTI-APERTURE CORE
2867002402 FAIR-RITE-2867002402 Datasheet
523Kb / 5P
67 MULTI-APERTURE CORE
2867002702 FAIR-RITE-2867002702 Datasheet
522Kb / 5P
67 MULTI-APERTURE CORE
2873002402 FAIR-RITE-2873002402 Datasheet
503Kb / 5P
73 MULTI-APERTURE CORE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com