Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2867006802 Datasheet(PDF) 2 Page - Fair-Rite Products Corp.

Part # 2867006802
Description  67 MULTI-APERTURE CORE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIR-RITE [Fair-Rite Products Corp.]
Direct Link  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

2867006802 Datasheet(HTML) 2 Page - Fair-Rite Products Corp.

  2867006802 Datasheet HTML 1Page - Fair-Rite Products Corp. 2867006802 Datasheet HTML 2Page - Fair-Rite Products Corp. 2867006802 Datasheet HTML 3Page - Fair-Rite Products Corp. 2867006802 Datasheet HTML 4Page - Fair-Rite Products Corp. 2867006802 Datasheet HTML 5Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Fair-Rite Products Corp. PO Box J,One Commercial Row, Wallkill, NY 12589-0288
Phone: (888) 324-7748 www.fair-rite.com
Fair-Rite Product's Catalog
Part Data Sheet, 2867006802
Printed: 2010-11-09
Mechanical Specifications
Dim
mm
mm
nominal
inch
tol
inch
misc.
A
13.30
±0.60
0.525
-
B
27.00
±0.75
1.062
-
C
7.50
±0.35
0.295
-
D
-
-
-
-
E
5.70
±0.25
0.225
-
F
-
-
-
-
G
-
-
-
-
H
3.80
±0.25
0.150
-
J
-
-
-
-
K
-
-
-
-
Land Patterns
V
W
X
Y
Z
ref
-
-
-
-
-
-
-
-
-
-
Winding Information
Turns
Wire
1st Wire
2nd Wire
Tested
Size
Length
Length
-
-
-
-
Reel Information
Tape Width Pitch
Parts 7 ''
Parts 13 '' Parts 14 ''
mm
mm
Reel
Reel
Reel
-
-
-
-
-
Package Size
Pkg Size
-
(-)
Electrical Specifications
Typical Impedance ( )
Connector Plate
# Holes
# Rows
-
-
Electrical Properties
AL(nH)
180 Min
Legend
+ Test frequency
Preferred parts, the suggested choice for new designs,have shorter lead times and are more readily available.
The column H(Oe) gives for each bead the calculated dc bias field in oersted for 1 turn and 1 ampere direct current. The actual dc H field in
the application is this value of H times the actual NI (ampere-turn) product. For the effect of the dc bias on the impedance of the bead material,
see figures 18-23 in the application note How to choose Ferrite Components for EMI Suppression.
A ½ turn is defined as a single pass through a hole.
l/A - Core Constant
l e: Effective Path Length
Ae: Effective Cross-Sectional Area
Ve: Effective Core Volume
AL- Inductance Factor (
L
__
N 2)
Nl - Value of dc Ampere-turns
N/AWG - Number of Turns/Wire Size for Test Coil



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com