Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CSV Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # E5CSV
Description  Simple to Set and Operate 1/16 DIN Size Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CSV Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button E5CSV Datasheet HTML 9Page - Omron Electronics LLC E5CSV Datasheet HTML 10Page - Omron Electronics LLC E5CSV Datasheet HTML 11Page - Omron Electronics LLC E5CSV Datasheet HTML 12Page - Omron Electronics LLC E5CSV Datasheet HTML 13Page - Omron Electronics LLC E5CSV Datasheet HTML 14Page - Omron Electronics LLC E5CSV Datasheet HTML 15Page - Omron Electronics LLC E5CSV Datasheet HTML 16Page - Omron Electronics LLC E5CSV Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Temperature Controllers
E5CSV
13
Comparison with E5CS-X
■ Model Number Legend
■ Display
The display digits can be increased up to 1,999.
The ALM2 display has been added.
The display “ON” has changed to “OUT” and “AL” has changed to “ALM.”
■ Functions
The control outputs for relay outputs have been changed from SPDT (single-pole, double-throw) to SPST-NO (single-pole, single-throw, normally
open) contacts.
The control method has been changed to 2-PID control.
An auto-tuning (AT) function has been added.
The deviation display flashes during self-tuning (ST) and auto-tuning (AT).
The control calculation period has been improved from 2 s to 0.5 s.
■ External Dimensions
The depth has been shortened from 100 mm to 76 mm.
Previous model
E5CSV
Classification
Symbol
Meaning
Classification
Symbol
Meaning
1
Control output
R
Q
Relay: SPDT (single-pole,
double-throw)
Voltage
1
Control output
R
Q
Relay: SPST-NO (single-pole,
single-throw, normally open)
Voltage
2
Alarm output
Blank
1
No alarms
One alarm
2
Alarm output
Blank
1
2
No alarms
One alarm
Two alarms
3
Input type
KJ
P
Thermocouple (K, J)
Platinum resistance thermome-
ter (Pt100, JPt100)
3
Input type
T
KJ
P
Multi-input (thermocouple/platinum
resistance thermometer) models
Thermocouple (K, J)
Platinum resistance thermometer
(Pt100, JPt100)
Terminal
appearance
X
Model with terminal block
Main Differences
Terminal block models use the model number E5CSV.
The suffix “D” is added to models with a supply voltage of
24 VAC/VDC.
The suffix “W” is added to models with a light gray case color.
4
Supply
specifications
Blank
D
100 to 240 VAC
24 VAC/VDC
5
Case color
Blank
W
F
Black
Light gray
Scale marked in F° (Black case only)
1 2 3
E5CS-
@@@X
1 2 3
E5CSV-
@@@@-@
4
5
Previous model
E5CSV
AL
AL
SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com