Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CSV Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E5CSV
Description  Simple to Set and Operate 1/16 DIN Size Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CSV Datasheet(HTML) 2 Page - Omron Electronics LLC

  E5CSV Datasheet HTML 1Page - Omron Electronics LLC E5CSV Datasheet HTML 2Page - Omron Electronics LLC E5CSV Datasheet HTML 3Page - Omron Electronics LLC E5CSV Datasheet HTML 4Page - Omron Electronics LLC E5CSV Datasheet HTML 5Page - Omron Electronics LLC E5CSV Datasheet HTML 6Page - Omron Electronics LLC E5CSV Datasheet HTML 7Page - Omron Electronics LLC E5CSV Datasheet HTML 8Page - Omron Electronics LLC E5CSV Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Temperature Controllers
E5CSV
Ordering Information
■ List of Models
Note: Models with two alarm outputs always use the upper limit alarm mode for the alarm 2 output.
■ Accessories (Order Separately)
Protective Cover
Terminal Cover
Specifications
■ Ratings
Size
Power
supply
voltage
Number
of alarm
points
Control output
TC/Pt multi-input
Case color: Black
Scale marked in
° C
TC input
Case color:
Light gray
Scale marked in
° C
Pt input
Case color:
Light gray
Scale marked in
° C
TC/Pt multi-input
Case color: Black
Scale marked in
° F
1/16 DIN
48
× 48 × 78 mm
(W
× H × D)
100 to 240
VAC
0
Relay
E5CSV-RT AC100-240
E5CSV-RT-F AC100-240
Voltage (for driving SSR) E5CSV-QT AC100-240
E5CSV-QT-F AC100-240
1
Relay
E5CSV-R1T AC100-240
E5CSV-R1KJ-W
E5CSV-R1P-W
E5CSV-R1T-F AC100-240
Voltage (for driving SSR) E5CSV-Q1T AC100-240
E5CSV-Q1KJ-W
E5CSV-Q1P-W
E5CSV-Q1T-F AC100-240
2
(See note)
Relay
E5CSV-R2T AC100-240
E5CSV-R2T-F AC100-240
Voltage (for driving SSR) E5CSV-Q2T AC100-240
E5CSV-Q2T-F AC100-240
24 VAC/
VDC
0
Relay
E5CSV-RTD AC/DC24
Voltage (for driving SSR) E5CSV-QTD AC/DC24
1
Relay
E5CSV-R1TD AC/DC24
E5CSV-R1TD-F AC/DC24
Voltage (for driving SSR) E5CSV-Q1TD AC/DC24
E5CSV-Q1TD-F AC/DC24
2
(See note)
Relay
E5CSV-R2TD AC/DC24
Voltage (for driving SSR) E5CSV-Q2TD AC/DC24
Type
Model
Hard Protective Cover Y92A-48B
Model
E53-COV10
Supply voltage
100 to 240 VAC, 50/60 Hz
24 VAC/VDC, 50/60 Hz
Operating voltage range
85% to 110% of rated supply voltage
Power consumption
5 VA
3 VA/2 W
Sensor input
Thermocouple input type:
K, J, L
Platinum resistance thermometer input type:
Pt100, JPt100
Multi-input (thermocouple/platinum resistance thermometer) type:
K, J, L, T, U, N, R, Pt100, JPt100
Control
output
Relay output
SPST-NO, 250 VAC, 3A (resistive load)
Voltage output (for driving the SSR) 12 VDC, 21 mA (with short-circuit protection circuit)3
Control method
ON/OFF or 2-PID (with auto-tuning)
Alarm output
SPST-NO, 250 VAC, 1A (resistive load)
Setting method
Digital setting using front panel keys
Indication method
3.5 digit, 7-segment digital display (character height: 13.5 mm) and deviation indicators
Other functions
• Setting change prohibit (key protection)
• Input shift
• Temperature unit change (° C/° F)
• Direct/reverse operation
• Temperature range, Sensor switching (K/J/L, Pt100/JPt100)
• Switching is performed between a thermocouple and platinum resistance thermometer for multi-input models.
• Control period switching
• 8-mode alarm output
• Sensor error detection
Ambient temperature
–10 to 55
° C (with no condensation or icing)
Ambient humidity
25% to 85%
Storage temperature
–25 to 65
° C (with no condensation or icing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com