Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT50M75JLLU2 Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APT50M75JLLU2
Description  Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT50M75JLLU2 Datasheet(HTML) 3 Page - Advanced Power Technology

  APT50M75JLLU2 Datasheet HTML 1Page - Advanced Power Technology APT50M75JLLU2 Datasheet HTML 2Page - Advanced Power Technology APT50M75JLLU2 Datasheet HTML 3Page - Advanced Power Technology APT50M75JLLU2 Datasheet HTML 4Page - Advanced Power Technology APT50M75JLLU2 Datasheet HTML 5Page - Advanced Power Technology APT50M75JLLU2 Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APT50M75JLLU2
ADV
ANCE
TECHNICAL
INFORMA
TION
Characteristic / Test Conditions
Maximum D.C. Reverse Voltage
Maximum Peak Repetitive Reverse Voltage
Maximum Working Peak Reverse Voltage
Maximum Average Forward Current (T
C
= 80°C, Duty Cycle = 0.5)
RMS Forward Current
Non-Repetitive Forward Surge Current (T
J
= 45°C, 8.3mS)
Operating and StorageTemperature Range
Lead Temperature: 0.063" from Case for 10 Sec.
Symbol
V
R
V
RRM
V
RWM
I
F
(AV)
I
F
(RMS)
I
FSM
T
J
,T
STG
T
L
Symbol
V
F
I
RM
C
T
Characteristic / Test Conditions
I
F
= 30A
Maximum Forward Voltage
I
F
= 60A
I
F
= 30A, T
J
= 150°C
Maximum Reverse Leakage Current
V
R
= V
R
Rated
V
R
= V
R
Rated, T
J
= 125°C
Junction Capacitance, V
R
= 200V
STATIC ELECTRICAL CHARACTERISTICS
UNIT
Volts
Amps
°C
UNIT
Volts
µA
pF
MIN
TYP
MAX
1.8
1.5
1.6
250
500
40
APT50M75JLLU2
600
30
60
320
-55 to 150
300
MAXIMUM RATINGS (UltraFast Recovery Diode)
All Ratings: TC = 25°C unless otherwise specified.
Diode Specifications Section



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com