Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT50M75JLLU2 Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT50M75JLLU2
Description  Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT50M75JLLU2 Datasheet(HTML) 4 Page - Advanced Power Technology

  APT50M75JLLU2 Datasheet HTML 1Page - Advanced Power Technology APT50M75JLLU2 Datasheet HTML 2Page - Advanced Power Technology APT50M75JLLU2 Datasheet HTML 3Page - Advanced Power Technology APT50M75JLLU2 Datasheet HTML 4Page - Advanced Power Technology APT50M75JLLU2 Datasheet HTML 5Page - Advanced Power Technology APT50M75JLLU2 Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
APT50M75JLLU2
ADV
ANCE
TECHNICAL
INFORMA
TION
2.0
1.0
0.5
0.1
0.05
0.01
0.005
MIN
TYP
MAX
50
65
50
80
155
155
410
7.5
15
100
300
5
5
400
200
UNIT
nS
Amps
nC
Volts
A/µS
Characteristic
Reverse Recovery Time, I
F
= 1.0A, di
F
/dt = -15A/µS, V
R
= 30V, T
J
= 25°C
Reverse Recovery Time
T
J
= 25°C
I
F
= 30A, di
F
/dt = -240A/µS, V
R
= 350V
T
J
= 100°C
Forward Recovery Time
T
J
= 25°C
I
F
= 30A, di
F
/dt = 240A/µS, V
R
= 350V
T
J
= 100°C
Reverse Recovery Current
T
J
= 25°C
I
F
= 30A, di
F
/dt = -240A/µS, V
R
= 350V
T
J
= 100°C
Recovery Charge
T
J
= 25°C
I
F
= 30A, di
F
/dt = -240A/µS, V
R
= 350V
T
J
= 100°C
Forward Recovery Voltage
T
J
= 25°C
I
F
= 30A, di
F
/dt = 240A/µS, V
R
= 350V
T
J
= 100°C
Rate of Fall of Recovery Current
T
J
= 25°C
I
F
= 30A, di
F
/dt = -240A/µS, V
R
= 350V (See Figure 10)
T
J
= 100°C
DYNAMIC CHARACTERISTICS
Symbol
t
rr1
t
rr2
t
rr3
t
fr1
t
fr2
I
RRM1
I
RRM2
Q
rr1
Q
rr2
V
fr1
V
fr2
diM/dt
THERMAL AND MECHANICAL CHARACTERISTICS
Characteristic / Test Conditions
Junction-to-Case Thermal Resistance
Junction-to-Ambient Thermal Resistance
Package Weight
Symbol
RqJC
RqJA
W
T
MIN
TYP
MAX
0.90
20
1.06
30
UNIT
°C/W
oz.
gm.
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D=0.5
Note:
Duty Factor D =
t1/t
2
Peak TJ = PDM x ZθJC + TC
t1
t2
10-5
10-4
10-3
10-2
10-1
1.0
10
RECTANGULAR PULSE DURATION (SECONDS)
FIGURE 14, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com