Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML62133 Datasheet(PDF) 1 Page - Minilogic Device Corporation Limited

Part # ML62133
Description  Positive Voltage Regulator CMOS Low Power Consumption : Typical 3.3uA at Vout=5.0V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML62133 Datasheet(HTML) 1 Page - Minilogic Device Corporation Limited

  ML62133 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML62133 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML62133 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML62133 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML62133 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML62133 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML62133 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML62133 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML62133 Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
P1/12
Rev. G, July 2005
ML62
ML62 Series Positive Voltage Regulator
Application
Battery Powered Equipment
Palmtops
Portable Cameras and Video Recorders
Reference Voltage Sources
Features
CMOSLowPowerConsumption:
Typical3.3uAatVout=5.0V
OutputVoltageRange :1.1Vto6.0Vin0.1Vincrements
HighlyAccurate:
OutputVoltage+3%for1.1Vto 1.9V
OutputVoltage+2%for2.0Vto 6.0V
MaximumOutputCurrent:250mA
(withinthe maximumpower dissipation,Vout=5.0V)
SmallInput-OutputVoltageDifferential:
0.12Vat100mAand 0.38Vat200mA
Input stability:Typ. 0.2%/V
PackageAvailable:
SOT- 23(150mW), SOT-89(500mW) &
TO-92(300mW)
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Units
Input Voltage
VIN
10
V
Output Current
IOUT
500
mA
Output Voltage
VOUT
VSS-0.3 ~VIN+0.3
V
SOT-23
150
SOT-89
500
Continuous
Total Power
Dissipation
TO-92
Pd
300
mW
Operating Ambient Temperature
Topr
-40 ~ +70
oC
Storage Temperature
Tstg
-40 ~ +70
oC
General Description
The ML62 is a group of positive voltage output,
three-pin regulator which provides high output
current
even
when
the
input/output
voltage
differential is small.
The ML62 consists of a high-precision voltage
reference, an error correction circuit, and a current
limited output driver.
Block Diagram


Similar Part No. - ML62133

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ML621 PANASONICBATTERY-ML621 Datasheet
39Kb / 1P
Manganese Lithium Coin Batteries
logo
List of Unclassifed Man...
ML621 ETC2-ML621 Datasheet
99Kb / 1P
VoltageCell Type ML621
ML621-TZ1 ETC2-ML621-TZ1 Datasheet
99Kb / 1P
VoltageCell Type ML621
logo
Panasonic Semiconductor
ML621S PANASONIC-ML621S Datasheet
31Kb / 1P
Manganese Lithium Coin Batteries (ML series): Individual Specifications
More results

Similar Description - ML62133

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8553 BELLING-BL8553 Datasheet
1Mb / 13P
400mA CMOS Low Dropout Voltage Low consumption Regulator
logo
ACE Technology Co., LTD...
ACE502 ACE-ACE502 Datasheet
309Kb / 12P
400mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE501 ACE-ACE501_12 Datasheet
807Kb / 10P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
logo
Minilogic Device Corpor...
ML61 MINILOGIC-ML61_09 Datasheet
499Kb / 13P
Positive Voltage Detector CMOS Low Power Consumption : Typical 1.0uA at Vin=2.0V
logo
Seiko Instruments Inc
S-19200A33A-V5T2U SII-S-19200A33A-V5T2U Datasheet
2Mb / 32P
LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Raltron Electronics Cor...
CMC252 RALTRON-CMC252 Datasheet
731Kb / 6P
Low Power Consumption of 3.5mA typical at 1.8V
CMC302 RALTRON-CMC302 Datasheet
732Kb / 6P
Low Power Consumption of 3.5mA typical at 1.8V
CMC502 RALTRON-CMC502 Datasheet
731Kb / 6P
Low Power Consumption of 3.5mA typical at 1.8V
CMC702 RALTRON-CMC702 Datasheet
731Kb / 6P
Low Power Consumption of 3.5mA typical at 1.8V
logo
Shenzhen Huazhimei Semi...
HM6238 HMSEMI-HM6238 Datasheet
372Kb / 8P
Low current consumption 300mA CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com