Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML62133 Datasheet(PDF) 2 Page - Minilogic Device Corporation Limited

Part # ML62133
Description  Positive Voltage Regulator CMOS Low Power Consumption : Typical 3.3uA at Vout=5.0V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML62133 Datasheet(HTML) 2 Page - Minilogic Device Corporation Limited

  ML62133 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML62133 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML62133 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML62133 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML62133 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML62133 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML62133 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML62133 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML62133 Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
P2/12
Rev. G, July 2005
ML62
Package Pin Number
SOT23
SOT89
TO-92
Pin Name
Function
1
1
1
VSS
Ground
3
2
2
VIN
Power Input
2
3
3
VOUT
Output
Standard Circuit
Note on Use
1. Oscillation may occur as a result of the impedance present between the power supply and the IC’s input. Please use a
capacitor (CIN) of at least 1uF, when the impedance is 10 ohm or more.
With a large output current, Voltage output can be stabilised by increasing capacitor (CIN) size. If CIN is small and
capacitor (CL) size is increased, oscillation may occur. In such cases, Voltage output can be stabilised by either increasing
the size of CIN or decreasing the size of CL.
2. Please ensure that output current (IOUT) is less than Pd / (VIN-VOUT) and does not exceed the stipulated Continuous Total
Power Dissipation value (Pd).
Test Circuit
Test Circuit 1
Pin Configuration
Test Circuit 2
SOT-23
SOT-89
TO-92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com