Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML63S Datasheet(PDF) 10 Page - Minilogic Device Corporation Limited

Part # ML63S
Description  DC-DC Converter Small number of external components: inductor, diode and capacitor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML63S Datasheet(HTML) 10 Page - Minilogic Device Corporation Limited

Back Button ML63S Datasheet HTML 3Page - Minilogic Device Corporation Limited ML63S Datasheet HTML 4Page - Minilogic Device Corporation Limited ML63S Datasheet HTML 5Page - Minilogic Device Corporation Limited ML63S Datasheet HTML 6Page - Minilogic Device Corporation Limited ML63S Datasheet HTML 7Page - Minilogic Device Corporation Limited ML63S Datasheet HTML 8Page - Minilogic Device Corporation Limited ML63S Datasheet HTML 9Page - Minilogic Device Corporation Limited ML63S Datasheet HTML 10Page - Minilogic Device Corporation Limited ML63S Datasheet HTML 11Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
P10/11
Rev. D, August 2011
ML63S
VIN = 1.6V, IOUT = 10mA, Ta = 25
oC, unless otherwise provided.
ML63SA27
VOUT = 2.7V
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Voltage
VOUT
2.633
2.700
2.767
V
Input Voltage
VIN
6.5
V
Startup Voltage
VSTART
IOUT = 1mA
0.8
0.9
V
Hold-on Voltage
VHOLD
IOUT = 1mA
0.8
V
Supply Current 1
IDD1
VIN = 2.57V
35
uA
Supply Current 2
IDD2
VIN = 2.75V
7
uA
Lx Switching Current
ILX
VLX=0.4V, VIN=2.57V
100
mA
Lx Leakage Current
ILXLEAK
VIN=6.0V, VLX=6.0V
0.5
uA
Oscillator Frequency
FOSC
100
KHz
Oscillator Duty Cycle
MAXDTY
78
%
Efficiency
EFF
85
%
VIN = 1.8V, IOUT = 10mA, Ta = 25
oC, unless otherwise provided.
ML63SA30
VOUT = 3.0V
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Voltage
VOUT
2.925
3.000
3.075
V
Input Voltage
VIN
6.5
V
Startup Voltage
VSTART
IOUT = 1mA
0.8
0.9
V
Hold-on Voltage
VHOLD
IOUT = 1mA
0.8
V
Supply Current 1
IDD1
VIN = 2.85V
35
uA
Supply Current 2
IDD2
VIN = 3.05V
7
uA
Lx Switching Current
ILX
VLX=0.4V, VIN=2.85V
150
mA
Lx Leakage Current
ILXLEAK
VIN=6.0V, VLX=6.0V
0.5
uA
Oscillator Frequency
FOSC
100
KHz
Oscillator Duty Cycle
MAXDTY
78
%
Efficiency
EFF
85
%
VIN = 2.0V, IOUT = 10mA, Ta = 25
oC, unless otherwise provided.
ML63SA33
VOUT = 3.3V
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Voltage
VOUT
3.218
3.300
3.383
V
Input Voltage
VIN
6.5
V
Startup Voltage
VSTART
IOUT = 1mA
0.8
0.9
V
Hold-on Voltage
VHOLD
IOUT = 1mA
0.8
V
Supply Current 1
IDD1
VIN = 3.135V
35
uA
Supply Current 2
IDD2
VIN = 3.35V
7
uA
Lx Switching Current
ILX
VLX=0.4V, VIN=3.135V
180
mA
Lx Leakage Current
ILXLEAK
VIN=6.0V, VLX=6.0V
0.5
uA
Oscillator Frequency
FOSC
100
KHz
Oscillator Duty Cycle
MAXDTY
78
%
Efficiency
EFF
85
%
VIN = 3.0V, IOUT = 10mA, Ta = 25
oC, unless otherwise provided.
ML63SA50
VOUT = 5.0V
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Voltage
VOUT
4.875
5.000
5.125
V
Input Voltage
VIN
6.5
V
Startup Voltage
VSTART
IOUT = 1mA
0.8
0.9
V
Hold-on Voltage
VHOLD
IOUT = 1mA
0.8
V
Supply Current 1
IDD1
VIN = 4.75V
60
uA
Supply Current 2
IDD2
VIN = 5.05V
7
uA
Lx Switching Current
ILX
VLX=0.4V, VIN= 4.75V
210
mA
Lx Leakage Current
ILXLEAK
VIN=6.0V, VLX=6.0V
0.5
uA
Oscillator Frequency
FOSC
100
KHz
Oscillator Duty Cycle
MAXDTY
78
%
Efficiency
EFF
85
%
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com