Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML63S Datasheet(PDF) 1 Page - Minilogic Device Corporation Limited

Part # ML63S
Description  DC-DC Converter Small number of external components: inductor, diode and capacitor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML63S Datasheet(HTML) 1 Page - Minilogic Device Corporation Limited

  ML63S Datasheet HTML 1Page - Minilogic Device Corporation Limited ML63S Datasheet HTML 2Page - Minilogic Device Corporation Limited ML63S Datasheet HTML 3Page - Minilogic Device Corporation Limited ML63S Datasheet HTML 4Page - Minilogic Device Corporation Limited ML63S Datasheet HTML 5Page - Minilogic Device Corporation Limited ML63S Datasheet HTML 6Page - Minilogic Device Corporation Limited ML63S Datasheet HTML 7Page - Minilogic Device Corporation Limited ML63S Datasheet HTML 8Page - Minilogic Device Corporation Limited ML63S Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
P1/11
Rev. D, August 2011
ML63S
ML63S Series DC-DC Converter
Application
 Power Source of Portable Products
 Palmtops
 Portable Cameras and Video Recorders
 Wireless mouse and keyboard
Ordering Information
Features
 Smallnumberofexternalcomponents:inductor,diodeand
capacitor.
 Ultralowinputcurrent:Typical 7uA
 OutputVoltageAccuracy:+/-2.5%
 Lowrippleandnoise
 Lowstartupvoltage:Max0.9V(with1mA input)
 HighEfficiency: Typical85%
 PackageAvailable:
SOT-89(500mW), SOT-23(150mW) &TO-92
(300mW)
ML63S
Version
Package
Designator
Package
Switching
Transistor
CE
Function
VDD Pin
FB Pin
Features
ML63SA
M
SOT23-3
Build-in
Transistor
No
No
No
Lx
P
SOT89-3
T
TO-92
ML63SB
M
SOT23-3
External
Transistor
No
No
No
Ext
P
SOT89-3
T
TO-92
ML63SC
M
SOT23-5
Build-in
Transistor
Yes
No
No
Lx+CE
P
SOT89-5
ML63SD
M
SOT23-5
External
Transistor
Yes
No
No
Ext+CE
P
SOT89-5
ML63SE
M
SOT23-5
Build-in
Transistor
No
Yes
No
Lx+VDD
P
SOT89-5
ML63SF
M
SOT23-5
Build-in
Transistor
No
Yes
Yes
FB
P
SOT89-5
General Description
The ML63S is a group of PFM Step-up DC/DC
converter IC with low supply current by CMOS
process.
It consists of an oscillator, a PFM control circuit, a
Lx switch driver transistor, a reference voltage unit,
an error amplifier for voltage detection and a Lx
switch protection circuit. It is suitable for use with
battery-powered instruments with low noise and
low supply current.
Designator
Description
a
Version
b
Output Voltage
eg.
30=3.0V
33=3.3V
50=5.0V
c
Package Type
P = SOT-89
M = SOT-23
T = TO-92
d
Device Orientation
R = Embossed Tape
(Orientation of Device : Right)
L = Embossed Tape
(Orientation of Device : Left)
B = Bag (TO-92)
e
G = Lead Free Part


Similar Part No. - ML63S

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML63 MINILOGIC-ML63 Datasheet
182Kb / 5P
DC-DC Converter
logo
Coilcraft lnc.
ML630PTA102MLZ COILCRAFT-ML630PTA102MLZ Datasheet
263Kb / 4P
High Reliability Power Inductors
ML630PTA122MLZ COILCRAFT-ML630PTA122MLZ Datasheet
263Kb / 4P
High Reliability Power Inductors
ML630PTA202MLZ COILCRAFT-ML630PTA202MLZ Datasheet
263Kb / 4P
High Reliability Power Inductors
ML630PTA301MLZ COILCRAFT-ML630PTA301MLZ Datasheet
263Kb / 4P
High Reliability Power Inductors
More results

Similar Description - ML63S

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCP330 ZETEX-ZXCP330 Datasheet
341Kb / 9P
SWITCHED CAPACITOR DC-DC CONVERTER
logo
Burr-Brown (TI)
PWS745 BURR-BROWN-PWS745 Datasheet
83Kb / 10P
Multi-Channel Isolated DC/DC CONVERTER COMPONENTS
PWS750 BURR-BROWN-PWS750 Datasheet
143Kb / 11P
Isolated, Unregulated DC/DC CONVERTER COMPONENTS
logo
Enpirion, Inc.
EN5396QI ENPIRION-EN5396QI Datasheet
553Kb / 19P
9A Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Output Voltage Programming
logo
Rohm
BD6072HFN-TR ROHM-BD6072HFN-TR Datasheet
545Kb / 17P
Boost DC/DC converter, Adjustment of brightness by external PWM pulse
logo
Power Mate Technology C...
DOH16-12T P-DUKE-DOH16-12T_14 Datasheet
775Kb / 3P
POINT OF LOAD DC-DC CONVERTER
logo
TOKO, Inc
MDT2016-CF TOKO-MDT2016-CF Datasheet
187Kb / 1P
Ideal for a variety of DC-DC converter Inductor application
DEM3518C TOKO-DEM3518C Datasheet
250Kb / 1P
Ideal for a variety of DC-DC converter inductor applications
logo
Maxim Integrated Produc...
MAX17506 MAXIM-MAX17506 Datasheet
825Kb / 19P
Reduce Number of DC-DC Regulators to Stock
Rev 1; 5/15
MAX17620 MAXIM-MAX17620 Datasheet
897Kb / 15P
Reduces Number of DC-DC Regulators to Stock
Rev 3; 7/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com