Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5901 Datasheet(PDF) 6 Page - Linear Technology

Part # LTP5901
Description  2.4 GHz 802.15.4 EternaTM Mote Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTP5901 Datasheet HTML 2Page - Linear Technology LTP5901 Datasheet HTML 3Page - Linear Technology LTP5901 Datasheet HTML 4Page - Linear Technology LTP5901 Datasheet HTML 5Page - Linear Technology LTP5901 Datasheet HTML 6Page - Linear Technology LTP5901 Datasheet HTML 7Page - Linear Technology LTP5901 Datasheet HTML 8Page - Linear Technology LTP5901 Datasheet HTML 9Page - Linear Technology LTP5901 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
A d v a nce d I n fo rm a t i o n
6
Linear Technology / Dust Networks
Eterna Datasheet
2.1.1
Supply Monitoring and Reset
Eterna integrates an Power on Reset (PoR) circuit and as the RESETn input pin is nominally configured with an internal pull-
up resistor, thus no connection is required. For a graceful shutdown, the software and networking layers be cleanly halted
prior to assertion of the RESETn pin. Eterna includes a soft brown-out monitor that fully protects the Flash from corruption
in the event that power is removed while writing to flash. Integrated flash supervisory functionality in conjunction with ***
(do we do a JFS?) yields a robust non-volatile file system.
2.2
Precision Timing
Eterna, differs from competing 802.15.4 product offerings by providing low-power dedicated timing hardware and timing
algorithms that provide timing precision two to three orders of magnitude better than any other available low-power solution.
Improved timing accuracy allows motes to minimize the amount of radio listening time required to ensure packet reception
thereby lowering even further the power consumed by an Eterna network. Eterna’s patented timing hardware and timing
algorithms provide superior performance over rapid temperature changes, further differentiating Eterna’s reliability when
compared with other wireless products. In addition, precise timing enables networks to reduce spectral dead time, increasing
total network throughput.
2.2.1
Time Synchronization
In addition to coordinating timeslots across the network, which is transparent to the user, Eterna’s unparalleled timing
management is used to support two mechanisms to share network time. Having an accurate, shared, network-wide time base
enables events to be accurately time stamped or tasks to be performed in a synchronized fashion across a network. Eterna
will send a time packet through its serial interface when one of the following occurs:
•
Eterna receives an HDLC request to read time
•
The TIMEn signal is asserted
The use of TIMEn has the advantage of being more accurate. The value of the timestamp is captured in hardware relative to
the rising edge of TIMEn. If the HDLC request is used, due to packet processing the value of the timestamp may be captured
several milliseconds after receipt of the packet. See Section 8.10 for the time functions definition and specifications.
2.3
Time References
Eterna includes three clock sources: a low power oscillator designed for a 32.768 kHz crystal, the radio reference oscillator
designed for a 20 MHz crystal, and an internal relaxation oscillator.
2.3.1
Relaxation Oscillator
The relaxation oscillator is the primary clock source for Eterna, providing the clock for the CPU, memory subsystems, and all
peripherals. The internal relaxation oscillator typically starts up in a few
μs, providing an expedient, low-energy method for
duty cycling between active and low power states. Quick start-up from the doze state, defined in section 4.0, allows Eterna to
wake up and receive data over the UART and SPI interfaces by simply by detecting activity the appropriate signals.
2.3.2
32.768 kHz Crystal
Once Eterna is powered up and the 32.768 kHz crystal source has begun oscillating, the 32.768 kHz crystal remains
operational while in the Active state, and is used as the timing basis when in Doze state. See Section 4.0 for a description of
Eterna’s operational states.
2.3.3
20 MHz Crystal
The 20 MHz crystal source provides a frequency reference for the radio, and is automatically enabled and disabled by Eterna
as needed.
2.4
Radio
Eterna is the lowest-power commercially available 2.4 GHz IEEE 802.15.4e radio by a substantial margin. (Please refer to
section 8.2 for power consumption numbers.). Eterna’s integrated power amplifier is calibrated and temperature-compensated
to consistently provide power at a limit suitable for worldwide radio certifications. Additionally, Eterna uniquely includes a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com