Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5901 Datasheet(PDF) 1 Page - Linear Technology

Part # LTP5901
Description  2.4 GHz 802.15.4 EternaTM Mote Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901 Datasheet(HTML) 1 Page - Linear Technology

  LTP5901 Datasheet HTML 1Page - Linear Technology LTP5901 Datasheet HTML 2Page - Linear Technology LTP5901 Datasheet HTML 3Page - Linear Technology LTP5901 Datasheet HTML 4Page - Linear Technology LTP5901 Datasheet HTML 5Page - Linear Technology LTP5901 Datasheet HTML 6Page - Linear Technology LTP5901 Datasheet HTML 7Page - Linear Technology LTP5901 Datasheet HTML 8Page - Linear Technology LTP5901 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
A d v a nce d I n fo rm a t i o n
Linear Technology / Dust Networks
Smar t Mesh® WirelessHART TM
LTP5901/LTP5902-WHM
2.4 GHz 802.15.4 Eterna
TM Mote Module
About SmartMesh WirelessHART
SmartMesh WirelessHART products are designed for the harshest industrial environments, where low power, reliability, resilience and
scalability are key. SmartMesh WirelessHART solutions are well-suited for applications requiring WirelessHART standards compliance, as
well as a wide range of applications from renewable energy generation, such as solar and wind power, to factory machine health
monitoring and data center HVAC energy management. Smartmesh WirelessHART complies with the WirelessHART (IEC 62591)
standard, offers the lowest power consumption in its class and is the most widely used WirelessHART product available. SmartMesh
WirelessHART systems are easy for industrial automation vendors to integrate and simple for end users to deploy.
Product Descriptions – LTP5901/LTP5902-WHM
The LTP5901/LTP5902-WHM mote module combines Dust Networks’ robust sensor networking solution with Dust’s breakthrough
Eterna
TM SoC technology in an easy-to-integrate 22-pin module, and may serve as a drop-in replacement for Dust Networks’ M2510 mote
module. As part of the SmartMesh WirelessHART system, the LTP5901/LTP5902-WHM enables customers to integrate a standards-based
wireless network into sensors and actuators to provide scalable bidirectional communications.
The LTP5901/LTP5902-WHM is designed for use in line-powered, battery-powered, or energy-scavenging sensor and actuator
applications that demand reliable performance and ultra-low power operation. With Dust Networks’ innovative IEEE 802.15.4-compliant
design and integrated power amplifier, the LTP5901/LTP5902-WHM enables a decade of battery life on two AA batteries, including
routing motes. All motes function as wireless routers, enabling a redundant, high performance, full-mesh topology.
The LTP5901/LTP5902-WHM Mote modules combine Dust Networks’ robust sensor networking solution with Dust’s breakthrough
Eterna
TM SoC Technology in an easy-to-integrate surface-mount printed circuit board (PCB). The LTP5901-WHM module includes an on-
board chip antenna, while the LTP5902-WHM module includes an MMCX antenna connector. Both PCB modules will come with modular
certifications for FCC, CE, and IC. To accelerate customer development time and reduce development costs, Dust Networks provides a
fully engineered RF solution, comprehensive APIs, and complete development documentation.
Key Product Features
Highly Scalable
•
Automatic network formation—new motes join
automatically from anywhere in the network
•
All motes are wireless routers, providing a full-mesh
network that easily scales to tens of thousands of motes per
square kilometer
•
Time-synchronized communication across 15 channels
virtually eliminates in-network collisions, allowing for
dense deployments in overlapping radio space
Superior Reliability
•
Intelligent Networking Platform enables greater than
99.99% network reliability even in the most challenging
monitoring and control environments
•
Time-synchronized channel hopping seamlessly
compensates for in band blocking and multipath fading in
dynamic RF environments
WirelessHART (IEC62591) compliance
•
Interoperable with WirelessHART devices
Ultra-low Power Operation
•
Industry-leading radio technology capable of line-powered,
battery-powered, or energy-scavenging operation
•
Automatic power optimization of every device in network,
enabling a decade of network operation on two Lithium AA
batteries
Easy to Integrate and Deploy
•
Fully engineered RF, with power amplifier (PA), balun, and
antenna matching circuitry
•
A comprehensive application programming interface (API)
provides a rich and flexible functionality to ease software
development and device integration
Secure Global Market Solution
•
Operates on 2.4 GHz global license-free band, providing
customers with a single product for world-wide use
•
RF Modular certifications (pending)-FCC, IC, and CE
•
AES-128 bit encryption


Similar Part No. - LTP5901

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTP5901 LINER-LTP5901 Datasheet
943Kb / 30P
2.4 GHz 802.15.4 EternaTM Mote Modules
LTP5901 LINER-LTP5901 Datasheet
889Kb / 29P
2.4 GHz 802.15.4 EternaTM Embedded Network Manager
LTP5901-IPM LINER-LTP5901-IPM Datasheet
723Kb / 36P
SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
LTP5901-IPM LINER-LTP5901-IPM_15 Datasheet
732Kb / 32P
SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
LTP5901-IPR LINER-LTP5901-IPR Datasheet
1Mb / 34P
SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
More results

Similar Description - LTP5901

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MRF24J40MA MICROCHIP-MRF24J40MA Datasheet
484Kb / 30P
2.4 GHz IEEE Std. 802.15.4 RF Transceiver Module
2008
logo
Linear Technology
LTC5800-IPM LINER-LTC5800-IPM Datasheet
915Kb / 28P
2.4 GHz 802.15.4 EternaTM Mote-on-Chip
LTC5800-IPR LINER-LTC5800-IPR Datasheet
868Kb / 28P
2.4 GHz 802.15.4 EternaTM Embedded Network Manager-on-Chip
LTC5800-WHM LINER-LTC5800-WHM Datasheet
809Kb / 27P
2.4 GHz 802.15.4 EternaTM Mote-on-Chip
LTP5900-WHM LINER-LTP5900-WHM Datasheet
423Kb / 21P
2.4 GHz 802.15.4 Wireless Mote
LTP5901 LINER-LTP5901 Datasheet
943Kb / 30P
2.4 GHz 802.15.4 EternaTM Mote Modules
LTP5902-IPR LINER-LTP5902-IPR Datasheet
889Kb / 29P
2.4 GHz 802.15.4 EternaTM Embedded Network Manager
logo
Skyworks Solutions Inc.
SE2431L SKYWORKS-SE2431L Datasheet
405Kb / 10P
SE2431L: 2.4 GHz ZigBee짰/802.15.4 Front-End Module
SE2436L SKYWORKS-SE2436L Datasheet
262Kb / 13P
High Power 2.4 GHz 802.15.4 Front End Module
logo
Anaren Microwave
A2530E24X ANAREN-A2530E24X Datasheet
1Mb / 34P
2.4 GHz IEEE 802.15.4 compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com