Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24J40MA Datasheet (PDF) - Microchip Technology

MRF24J40MA Datasheet PDF - Microchip Technology
Part # MRF24J40MA
Download  MRF24J40MA Download
File Size   484.02 Kbytes
Page   30 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2.4 GHz IEEE Std. 802.15.4 RF Transceiver Module

MRF24J40MA Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF24J40MA Datasheet PDF - Microchip Technology

Part # MRF24J40MA
Download  MRF24J40MA Click to download

File Size   484.02 Kbytes
Page   30 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2.4 GHz IEEE Std. 802.15.4 RF Transceiver Module

MRF24J40MA Datasheet (HTML) - Microchip Technology


MRF24J40MA Product details

DEVICE OVERVIEW
The MRF24J40MA is a 2.4 GHz IEEE Std. 802.15.4™ compliant, surface mount module with integrated crystal, internal voltage regulator, matching circuitry and PCB antenna. The MRF24J40MA module operates in the non-licensed 2.4 GHz frequency band and is FCC, IC and ETSI compliant. The integrated module design frees the integrator from extensive RF and antenna design, and regulatory compliance testing, allowing quicker time to market.
The MRF24J40MA module is compatible with Microchip’s ZigBee®, MiWi™ and MiWi P2P software stacks. Each software stack is available as a free download, including source code, from the Microchip web site http://www.microchip.com/wireless.

Features:
• IEEE Std. 802.15.4™ Compliant RF Transceiver
• Supports ZigBee®, MiWi™, MiWi™ P2P and Proprietary Wireless Networking Protocols
• Small Size: 0.7” x 1.1” (17.8 mm x 27.9 mm), Surface Mountable
• Integrated Crystal, Internal Voltage Regulator, Matching Circuitry and PCB Antenna
• Easy Integration into Final Product – Minimize Product Development, Quicker Time to Market
• Radio Regulation Certification for United States (FCC), Canada (IC) and Europe (ETSI)
• Compatible with Microchip Microcontroller Families (PIC16F, PIC18F, PIC24F/H, dsPIC33 and PIC32)
• Up to 400m Range (outdoor, line-of-sight)

Operational:
• 20/10/5/2.5 MHz Clock Output:
   - Available to drive microcontroller clock
• Operating Voltage: 2.4-3.6V (3.3V typical)
• Temperature Range: -40°C to +85°C Industrial
• Simple, Four-Wire SPI Interface
• Low-Current Consumption:
   - RX mode: 19 mA (typical)
   - TX mode: 23 mA (typical)
   - Sleep: 2 μA (typical)
• Supports Power Save mode
  
RF/Analog Features:
• ISM Band 2.405-2.48 GHz Operation
• Data Rate: 250 kbps
• -94 dBm Typical Sensitivity
• +0 dBm Typical Output Power and 40 dB TX Power Control Range
• Integrated, Low Phase Noise VCO, Frequency Synthesizer and PLL Loop Filter
• Digital VCO and Filter Calibration
• Integrated RSSI ADC and I/Q DACs
• Integrated LDO
• High Receiver and RSSI Dynamic Range

MAC/Baseband Features:
• Hardware CSMA-CA Mechanism, Automatic ACK Response and FCS Check
• Independent Beacon, Transmit and GTS FIFO
• Hardware Security Engine (AES-128) with CTR, CCM and CBC-MAC modes
• Supports all CCA modes and RSS/LQI
• Automatic Packet Retransmit Capable
• Supports In-Line or Stand-Alone modes for both Encryption and Decryption




Similar Part No. - MRF24J40MA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MRF24J40MA MICROCHIP-MRF24J40MA Datasheet
684Kb / 31P
2.4 GHz IEEE® Std. 802.15.4™ RF Transceiver Module
Revision D June 2022
MRF24J40MA-I MICROCHIP-MRF24J40MA-I Datasheet
684Kb / 31P
2.4 GHz IEEE® Std. 802.15.4™ RF Transceiver Module
Revision D June 2022
MRF24J40MAT-I MICROCHIP-MRF24J40MAT-I Datasheet
684Kb / 31P
2.4 GHz IEEE® Std. 802.15.4™ RF Transceiver Module
Revision D June 2022
MRF24J40MA MICROCHIP-MRF24J40MA_V01 Datasheet
684Kb / 31P
2.4 GHz IEEE® Std. 802.15.4™ RF Transceiver Module
Revision D June 2022
More results


Similar Description - MRF24J40MA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
IEEE 802.15.4??2.4 GHz RF Transceiver
2006
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
IEEE 802.15.4??2.4 GHz RF Transceiver
2010
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Microchip Technology
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
logo
Texas Instruments
CC2520 TI-CC2520_15 Datasheet
2Mb / 134P
2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
Microchip Technology
MRF24J40MD MICROCHIP-MRF24J40MD Datasheet
939Kb / 34P
2.4 GHz IEEE Std. 802.15.4??RF Transceiver Module with PA/LNA
03/25/14
logo
Anaren Microwave
2530E24AZ1 ANAREN-2530E24AZ1 Datasheet
234Kb / 2P
2.4-GHz IEEE 802.15.4 compliant RF transceiver
logo
Microchip Technology
MRF24J40MB MICROCHIP-MRF24J40MB Datasheet
562Kb / 34P
2.4 GHz IEEE Std. 802.15.4, 20 dBm RF Transceiver Module
03/26/09
MRF24J40 MICROCHIP-MRF24J40_V01 Datasheet
2Mb / 151P
IEEE 802.15.4™ 2.4 GHz RF Transceiver
Revision E March 2021
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com