Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24J40MD Datasheet (PDF) - Microchip Technology

MRF24J40MD Datasheet PDF - Microchip Technology
Part # MRF24J40MD
Download  MRF24J40MD Download
File Size   939.08 Kbytes
Page   34 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2.4 GHz IEEE Std. 802.15.4??RF Transceiver Module with PA/LNA

MRF24J40MD Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF24J40MD Datasheet PDF - Microchip Technology

Part # MRF24J40MD
Download  MRF24J40MD Click to download

File Size   939.08 Kbytes
Page   34 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2.4 GHz IEEE Std. 802.15.4??RF Transceiver Module with PA/LNA

MRF24J40MD Datasheet (HTML) - Microchip Technology


MRF24J40MD Product details

DEVICE OVERVIEW
The MRF24J40MD/ME is a 2.4 GHz IEEE Std. 802.15.4™ compliant, surface mount module with integrated crystal, internal voltage regulator, matching circuitry, Power Amplifier (PA), Low Noise Amplifier (LNA) with PCB Trace Antenna (MRF24J40MD) or 50Ω external antenna connector (MRF24J40ME). The MRF24J40MD/ME module operates in the nonlicensed 2.4 GHz frequency band. The integrated module design frees the integrator from extensive RF and antenna design, and regulatory compliance testing allowing quicker time to market.

Features:
• IEEE Std. 802.15.4™ Compliant RF Transceiver
• Supports ZigBee®, MiWi™ Development Environment Proprietary Wireless Networking Protocols
• 4-Wire Serial Peripheral Interface (SPI) with Interrupt
• Small size: 0.9" x 1.3" (22.9 mm x 33.0 mm), Surface Mountable: Pin Compatible with MRF24J40MB and MRF24J40MC
• Integrated Crystal, Internal Voltage Regulator, Matching Circuitry, Power Amplifier, Low Noise Amplifier
• PCB Antenna (MRF24J40MD), External Antenna Connector (MRF24J40ME): Ultra Miniature Coaxial (U.FL), 50Ω
• Easy Integration into Final Product: Minimize Product Development, Quicker Time to Market
• Compliance:
   - Modular Certified for the United States (FCC) and Canada (IC)
   - European R&TTE Directive Assessed Radio Module
   - Australia/New Zealand
• Compatible with Microchip microcontroller families (PIC16, PIC18, PIC24, dsPIC33 and PIC32)
• Range up to 4000 ft

Operational:
• Operating Voltage: 3.0V-3.6V (3.3V typical)
• Temperature Range: -40°C to +85°C Industrial
• Low-Current Consumption:
   - Rx Mode: 32 mA (typical)
   - Tx Mode: 140 mA (typical)
   - Sleep: 10 μA (typical)

RF/Analog Features:
• ISM Band 2.405 GHz-2.475 GHz Operation
• Data Rate: 250 kbps
• -104 dBm Typical Sensitivity with -23 dBm Maximum Input Level
• +19 dBm Typical Output Power with 45 dB Tx Power Control Range
• Integrated Low Phase Noise VCO, Frequency Synthesizer and PLL Loop Filter
• Digital VCO and Filter Calibration
• Integrated RSSI ADC and I/Q DACs
• Integrated LDO
• High Receiver RSSI Dynamic Range

MAC/Baseband Features:
• Hardware CSMA-CA Mechanism, Automatic ACK Response and FCS Check
• Independent Beacon, Transmit and GTS FIFO
• Supports all CCA modes and RSS/LQI
• Automatic Packet Retransmit Capable
• Hardware Security Engine (AES-128) with CTR, CCM and CBC-MAC modes
• Supports Encryption and Decryption for MAC Sub layer and Upper Layer




Similar Part No. - MRF24J40MD

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MRF24J40MA MICROCHIP-MRF24J40MA Datasheet
484Kb / 30P
2.4 GHz IEEE Std. 802.15.4 RF Transceiver Module
2008
MRF24J40MA MICROCHIP-MRF24J40MA Datasheet
684Kb / 31P
2.4 GHz IEEE® Std. 802.15.4™ RF Transceiver Module
Revision D June 2022
MRF24J40MA-I MICROCHIP-MRF24J40MA-I Datasheet
684Kb / 31P
2.4 GHz IEEE® Std. 802.15.4™ RF Transceiver Module
Revision D June 2022
MRF24J40MAT-I MICROCHIP-MRF24J40MAT-I Datasheet
684Kb / 31P
2.4 GHz IEEE® Std. 802.15.4™ RF Transceiver Module
Revision D June 2022
MRF24J40MA MICROCHIP-MRF24J40MA_V01 Datasheet
684Kb / 31P
2.4 GHz IEEE® Std. 802.15.4™ RF Transceiver Module
Revision D June 2022
More results


Similar Description - MRF24J40MD

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
IEEE 802.15.4??2.4 GHz RF Transceiver
2006
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40MA MICROCHIP-MRF24J40MA Datasheet
484Kb / 30P
2.4 GHz IEEE Std. 802.15.4 RF Transceiver Module
2008
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Microchip Technology
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
logo
Texas Instruments
CC2520 TI-CC2520_15 Datasheet
2Mb / 134P
2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
Anaren Microwave
2530E24AZ1 ANAREN-2530E24AZ1 Datasheet
234Kb / 2P
2.4-GHz IEEE 802.15.4 compliant RF transceiver
logo
Microchip Technology
MRF24J40MB MICROCHIP-MRF24J40MB Datasheet
562Kb / 34P
2.4 GHz IEEE Std. 802.15.4, 20 dBm RF Transceiver Module
03/26/09
MRF24J40MC MICROCHIP-MRF24J40MC Datasheet
1Mb / 30P
2.4 GHz IEEE Std. 802.15.4™ RF Transceiver Module with PA/LNA and External Antenna Connector
Revision B August 2019
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com