Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6201 Datasheet(PDF) 1 Page - Linear Technology

Part # LT6201
Description  14-Bit, 4.5Msps Serial Sampling ADC in TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6201 Datasheet(HTML) 1 Page - Linear Technology

  LT6201 Datasheet HTML 1Page - Linear Technology LT6201 Datasheet HTML 2Page - Linear Technology LT6201 Datasheet HTML 3Page - Linear Technology LT6201 Datasheet HTML 4Page - Linear Technology LT6201 Datasheet HTML 5Page - Linear Technology LT6201 Datasheet HTML 6Page - Linear Technology LT6201 Datasheet HTML 7Page - Linear Technology LT6201 Datasheet HTML 8Page - Linear Technology LT6201 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC2314-14
1
231414f
For more information www.linear.com/2314-14
Typical applicaTion
FeaTures
DescripTion
14-Bit, 4.5Msps Serial
Sampling ADC in TSOT
TheLTC®2314-14isa14-bit,4.5Msps,serialsamplingA/D
converter that draws only 6.2mA from a wide range analog
supply adjustable from 2.7V to 5.25V. The LTC2314-14
containsanintegratedbandgapandreferencebufferwhich
provide a low cost, high performance (20ppm/°C max)
and space saving applications solution. The LTC2314-14
achieves outstanding AC performance of 77dB SINAD and
–85dB THD while sampling a 500kHz input frequency.
The extremely high sample rate-to-power ratio makes the
LTC2314-14 ideal for compact, low power, high speed
systems. The LTC2314-14 also provides both nap and
sleep modes for further optimization of the device power
within a system.
The LTC2314-14 has a high-speed SPI-compatible serial
interface that supports 1.8V, 2.5V, 3V and 5V logic. The
fast 4.5Msps throughput makes the LTC2314-14 ideally
suited for a wide variety of high speed applications.
applicaTions
n
4.5Msps Throughput Rate
n
Guaranteed 14-Bit No Missing Codes
n
Internal Reference: 2.048V/4.096V Span
n
Low Noise: 77.5dB SNR
n
Low Power: 6.2mA at 4.5Msps and 5V
n
Dual Supply Range: 3V/5V operation
n
Sleep Mode with < 1µA Typical Supply Current
n
Nap Mode with Quick Wake-up < 1 conversion
n
Separate 1.8V to 5V Digital I/O Supply
n
High Speed SPI-Compatible Serial I/O
n
Guaranteed Operation from –40°C to 125°C
n
8-Lead TSOT-23 Package
n
Communication Systems
n
High Speed Data Acquisition
n
Handheld Terminal Interface
n
Medical Imaging
n
Uninterrupted Power Supplies
n
Battery Operated Systems
n
Automotive
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
5V Supply, Internal Reference, 4.5Msps, 14-bit Sampling ADC
SERIAL DATA LINK TO
ASIC, PLD, MPU, DSP
OR SHIFT REGISTERS
ANALOG INPUT
0V TO 4.096V
5V
2.2µF
2.2µF
2.2µF
231414 TA01
GND
VDD
REF
AIN
OVDD
SCK
CS
SDO
LTC2314-14
DIGITAL OUTPUT SUPPLY
1.8V TO 5V
fS = 4.5Msps, fIN = 500kHz 32k-pt FFT
231414 TA01a
FREQUENCY (kHz)
0
2250
1750 2000
750 1000
500
250
1250 1500
0
–20
–40
–60
–80
–100
–120
–160
–140
VDD = 5V
SNR = 77.5dBFS
SINAD = 76.9dBFS
THD = 84.9dB
SFDR = 88.1dB


Similar Part No. - LT6201

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6201 LINER-LT6201 Datasheet
223Kb / 16P
1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT6201 LINER-LT6201 Datasheet
448Kb / 26P
165MHz, Rail-to-Rail Input and Output, 0.95nV/?숰z Low Noise, Op Amp Family
LT6201 LINER-LT6201 Datasheet
911Kb / 20P
12-Bit, 5Msps Serial Sampling ADC in TSOT
LT6201 LINER-LT6201 Datasheet
315Kb / 28P
325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT6201 LINER-LT6201 Datasheet
321Kb / 28P
Gain-Bandwidth Product: 325MHz
More results

Similar Description - LT6201

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2315-12 LINER-LTC2315-12 Datasheet
911Kb / 20P
12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2314-14 LINER-LTC2314-14_15 Datasheet
668Kb / 22P
14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC2312-12 LINER-LTC2312-12_15 Datasheet
513Kb / 22P
12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-14 LINER-LTC2312-14_15 Datasheet
626Kb / 22P
14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2313-14 LINER-LTC2313-14_15 Datasheet
1Mb / 22P
14-Bit, 2.5Msps Serial Sampling ADC in TSOT
LTC2315-12 LINER-LTC2315-12_15 Datasheet
695Kb / 22P
12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2313-12 LINER-LTC2313-12_15 Datasheet
1Mb / 22P
12-Bit, 2.5Msps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365_15 Datasheet
377Kb / 24P
1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2312-12 LINER-LTC2312-12 Datasheet
513Kb / 22P
12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-14 LINER-LTC2312-14 Datasheet
626Kb / 22P
14-Bit, 500ksps Serial Sampling ADC in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com