Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6201 Datasheet(PDF) 5 Page - Linear Technology

Part # LT6201
Description  14-Bit, 4.5Msps Serial Sampling ADC in TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6201 Datasheet(HTML) 5 Page - Linear Technology

  LT6201 Datasheet HTML 1Page - Linear Technology LT6201 Datasheet HTML 2Page - Linear Technology LT6201 Datasheet HTML 3Page - Linear Technology LT6201 Datasheet HTML 4Page - Linear Technology LT6201 Datasheet HTML 5Page - Linear Technology LT6201 Datasheet HTML 6Page - Linear Technology LT6201 Datasheet HTML 7Page - Linear Technology LT6201 Datasheet HTML 8Page - Linear Technology LT6201 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC2314-14
5
231414f
For more information www.linear.com/2314-14
aDc TiMing characTerisTics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSAMPLE(MAX) Maximum Sampling Frequency
(Notes 8, 9)
l
4.5
MHz
fSCK
Shift Clock Frequency
(Notes 8, 9)
l
87.5
MHz
tSCK
Shift Clock Period
l
11.4
ns
tTHROUGHPUT Minimum Throughput Time, tACQ + tCONV
l
222
ns
tCONV
Conversion Time
l
182
ns
tACQ
Acquisition Time
l
40
ns
t1
Minimum CS Pulse Width
(Note 8)
l
10
ns
t2
SCK Setup Time After CS
↓
(Note 8)
l
5
ns
t3
SDO Enable Time After CS
↓
(Notes 8, 9)
l
6
ns
t4
SDO Data Valid Access Time after SCK
↓
(Notes 8, 9, 10)
l
9.1
ns
t5
SCLK Low Time
l
4.5
ns
t6
SCLK High Time
l
4.5
ns
t7
SDO Data Valid Hold Time After SCK
↓
(Notes 8, 9, 10)
l
1
ns
t8
SDO into Hi-Z State Time After 16th SCK
↓
(Notes 8, 9)
l
3
6
ns
t9
SDO into Hi-Z State Time After CS
↑
(Notes 8, 9)
l
3
6
ns
t10
CS
↑ Setup Time After 14th SCK↓
(Note 8)
l
5
ns
Latency
l
1 Cycle Latency
tWAKE_NAP
Power-up Time from Nap Mode
See Nap Mode section
50
ns
tWAKE_SLEEP Power-up Time from Sleep Mode
See Sleep Mode section
1.1
ms
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
Note 1. Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2. All voltage values are with respect to ground.
Note 3. When these pin voltages are taken below ground or above VDD
(AIN, REF) or OVDD (SCK, CS, SDO) they will be clamped by internal
diodes. This product can handle input currents up to 100mA below ground
or above VDD or OVDD without latch-up.
Note 4. VDD = 5V, OVDD = 2.5V, fSMPL = 4.5MHz, fSCK = 87.5MHz, AIN =
–1dBFS and internal reference unless otherwise noted.
Note 5. Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 6. Linearity, offset and gain specifications apply for a single-ended
AIN input with respect to ground.
Note 7. Typical RMS noise at code transitions.
Note 8. Parameter tested and guaranteed at OVDD = 2.5V. All input signals
are specified with tr = tf = 1nS (10% to 90% of OVDD) and timed from a
voltage level of OVDD/2.
Note 9. All timing specifications given are with a 10pF capacitance load.
Load capacitances greater than this will require a digital buffer.
Note 10. The time required for the output to cross the VIH or VIL voltage.
Note 11. Guaranteed by design, not subject to test.
Note 12. Recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com