Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2164 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2164
Description  50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2164 Datasheet(HTML) 2 Page - Linear Technology

  LTC2164 Datasheet HTML 1Page - Linear Technology LTC2164 Datasheet HTML 2Page - Linear Technology LTC2164 Datasheet HTML 3Page - Linear Technology LTC2164 Datasheet HTML 4Page - Linear Technology LTC2164 Datasheet HTML 5Page - Linear Technology LTC2164 Datasheet HTML 6Page - Linear Technology LTC2164 Datasheet HTML 7Page - Linear Technology LTC2164 Datasheet HTML 8Page - Linear Technology LTC2164 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC6431-15
2
643115f
pin conFiguraTion
absoluTe MaxiMuM raTings
Total Supply Voltage (VCC to GND)...........................5.5V
Amplifier Output Current (OUT) ...........................105mA
RF Input Power, Continuous, 50Ω (Note 2)..........15dBm
RF Input Power, 100µs Pulse, 50Ω (Note 2) ........20dBm
Operating Case Temperature
Range (TCASE)..........................................–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Junction Temperature (TJ) .................................... 150°C
(Note 1)
24 23 22 21 20 19
7
8
9
TOP VIEW
25
GND
UF PACKAGE
24-LEAD (4mm
× 4mm) PLASTIC QFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
DNC
DNC
DNC
DNC
DNC
DNC
OUT
GND
T_DIODE
DNC
DNC
DNC
TJMAX = 150°C, θJC = 54°C/W
EXPOSED PAD (PIN 25) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC6431AIUF-15#PBF
LTC6431AIUF-15#TRPBF 43115
24-Lead (4mm × 4mm) Plastic QFN
–40°C to 85°C
LTC6431BIUF-15#PBF
LTC6431BIUF-15#TRPBF 43115
24-Lead (4mm × 4mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Dc elecTrical characTerisTics
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VS
Operating Supply Range
4.75
5.0
5.25
V
IS,TOT
Total Supply Current
All VCC Pins Plus OUT
l
75
67
85.1
100
112
mA
mA
IS,OUT
Total Supply Current to OUT Pin
Current to OUT
l
62
55
71
92
95
mA
mA
ICC,OUT
Current to VCC Pin
Either VCC Pin May Be Used
l
12
12.5
14
16
16.5
mA
mA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VCC = 5V, ZSOURCE = ZLOAD = 50Ω. Typical measured DC electrical
performance using Test Circuit A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com