Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2164 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2164
Description  50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2164 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2164 Datasheet HTML 2Page - Linear Technology LTC2164 Datasheet HTML 3Page - Linear Technology LTC2164 Datasheet HTML 4Page - Linear Technology LTC2164 Datasheet HTML 5Page - Linear Technology LTC2164 Datasheet HTML 6Page - Linear Technology LTC2164 Datasheet HTML 7Page - Linear Technology LTC2164 Datasheet HTML 8Page - Linear Technology LTC2164 Datasheet HTML 9Page - Linear Technology LTC2164 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC6431-15
6
643115f
Typical perForMance characTerisTics
S11 vs Frequency Over Temperature
S21 vs Frequency Over Temperature
S12 vs Frequency Over Temperature
S22 vs Frequency Over Temperature
S Parameters vs Frequency
Stability Factor K vs Frequency
Over Temperature
Noise Figure vs Frequency
Over Temperature
FREQUENCY (MHz)
0
–30
–20
–10
0
10
1000
2000
500
1500
2500
643115 G01
3000
20
–25
–15
–5
5
15
25
S11
S21
S12
S22
FREQUENCY (MHz)
0
0
2
4
6
1000
2000
3000
4000
8
10
1
3
5
7
9
5000
643115 G02
100°C
85°C
60°C
35°C
25°C
0°C
–20°C
–40°C
TCASE =
FREQUENCY (MHz)
0
0
1
3
4
5
8
7
400
800 1000
2
6
200
600
1200 1400
643115 G03
–40°C
25°C
85°C
TCASE =
FREQUENCY (MHz)
0
–25
–20
–15
–10
–5
0
500
1000 1500 2000
2500 3000
643115 G04
100°C
85°C
60°C
35°C
25°C
0°C
–20°C
–40°C
TCASE =
FREQUENCY (MHz)
0
0
4
8
12
500
1000 1500 2000 2500
16
20
2
6
10
14
18
3000
643115 G05
100°C
85°C
60°C
35°C
25°C
0°C
–20°C
–40°C
TCASE =
FREQUENCY (MHz)
0
–30
–25
–20
–15
–10
0
500
1000 1500 2000
2500 3000
–5
643115 G06
100°C
85°C
60°C
35°C
25°C
0°C
–20°C
–40°C
TCASE =
100°C
85°C
60°C
35°C
25°C
0°C
–20°C
–40°C
TCASE =
FREQUENCY (MHz)
0
–30
–25
–20
–15
–10
0
500
1000 1500 2000
2500 3000
–5
643115 G07
TA = 25°C, VCC = 5V, ZSOURCE = ZLOAD = 50Ω, unless
otherwise noted. Measurements are performed using Test Circuit A, measuring from 50Ω SMA to 50Ω SMA without de-embedding (Note 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com