Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT6035 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT6035
Description  N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT6035 Datasheet(HTML) 2 Page - Advanced Power Technology

  APT6035 Datasheet HTML 1Page - Advanced Power Technology APT6035 Datasheet HTML 2Page - Advanced Power Technology APT6035 Datasheet HTML 3Page - Advanced Power Technology APT6035 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Symbol
I
S
I
SM
V
SD
t
rr
Q
rr
DYNAMIC CHARACTERISTICS
APT6035BN
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
SAFE OPERATING AREA CHARACTERISTICS
Symbol
C
iss
C
oss
C
rss
Q
g
Q
gs
Q
gd
t
d
(on)
t
r
t
d
(off)
t
f
Characteristic
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge 3
Gate-Source Charge
Gate-Drain ("Miller ") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Test Conditions
V
GS
= 0V
V
DS
= 25V
f = 1 MHz
V
GS
= 10V
V
DD
= 0.5 V
DSS
I
D
= I
D
[Cont.] @ 25
°C
V
GS
= 15V
V
DD
= 0.5 V
DSS
I
D
= I
D
[Cont.] @ 25
°C
R
G
= 1.8
Ω
MIN
TYP
MAX
2400
2950
436
610
154
230
87
130
11
16
46
69
14
28
23
46
63
95
23
46
UNIT
pF
nC
ns
Characteristic / Test Conditions
Continuous Source Current (Body Diode)
Pulsed Source Current 1 (Body Diode)
Diode Forward Voltage 2 (V
GS
= 0V, I
S
= -I
D
[Cont.])
Reverse Recovery Time (I
S
= -I
D
[Cont.], dl
S
/dt = 100A/
µs)
Reverse Recovery Charge (I
S
= -I
D
[Cont.], dl
S
/dt = 100A/
µs)
MIN
TYP
MAX
19
76
1.3
152
334
668
2.5
5
10
UNIT
Amps
Volts
ns
µC
Symbol
SOA1
SOA2
I
LM
Characteristic
Safe Operating Area
Safe Operating Area
Inductive Current Clamped
Test Conditions
V
DS
= 0.4 V
DSS
, I
DS
= P
D
/ 0.4 V
DSS
, t = 1 Sec.
I
DS
= I
D
[Cont.], V
DS
= P
D
/ I
D
[Cont.], t = 1 Sec.
MIN
TYP
MAX
310
310
76
UNIT
Watts
Amps
10-5
10-4
10-3
10-2
10-1
1.0
10
RECTANGULAR PULSE DURATION (SECONDS)
FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
1 Repetitive Rating: Pulse width limited by maximum junction temperature. See Transient Thermal Impedance Curve. (Fig.1)
2 Pulse Test: Pulse width < 380
µS, Duty Cycle < 2%
3 See MIL-STD-750 Method 3471
APT Reserves the right to change, without notice, the specifications and information contained herein.
1.0
0.5
0.1
0.05
0.01
0.005
0.001
Note:
Duty Factor D =
t1/t
2
Peak TJ = PDM x ZθJC + TC
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D=0.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com