Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT6035 Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APT6035
Description  N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT6035 Datasheet(HTML) 3 Page - Advanced Power Technology

  APT6035 Datasheet HTML 1Page - Advanced Power Technology APT6035 Datasheet HTML 2Page - Advanced Power Technology APT6035 Datasheet HTML 3Page - Advanced Power Technology APT6035 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
V
DS
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
V
DS
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE 2, TYPICAL OUTPUT CHARACTERISTICS
FIGURE 3, TYPICAL OUTPUT CHARACTERISTICS
V
GS
, GATE-TO-SOURCE VOLTAGE (VOLTS)
I
D
, DRAIN CURRENT (AMPERES)
FIGURE 4, TYPICAL TRANSFER CHARACTERISTICS
FIGURE 5, R
DS
(ON) vs DRAIN CURRENT
T
C
, CASE TEMPERATURE (
°C)
T
J
, JUNCTION TEMPERATURE (
°C)
FIGURE 6, MAXIMUM DRAIN CURRENT vs CASE TEMPERATURE
FIGURE 7, BREAKDOWN VOLTAGE vs TEMPERATURE
T
J
, JUNCTION TEMPERATURE (
°C)
T
C
, CASE TEMPERATURE (
°C)
FIGURE 8, ON-RESISTANCE vs. TEMPERATURE
FIGURE 9, THRESHOLD VOLTAGE vs TEMPERATURE
DS
D
DS
V
> I (ON) x R
(ON)MAX.
230
µ SEC. PULSE TEST
T
J
= -55
°C
T
J
= +25
°C
T
J
= +125
°C
T
J
= +125
°C
T
J
= +25
°C
T
J
= -55
°C
I
D
= 0.5 I
D
[Cont.]
V
GS
= 10V
T
J
= 25
°C
2
µ SEC. PULSE TEST
NORMALIZED TO
V
GS
= 10V @ 0.5 I
D
[Cont.]
V
GS
=20V
V
GS
=10V
5V
4V
4.5V
5V
5.5V
V
GS
=6V
0
0
50
100
150
200
2 5 0
0
4
8
12
16
20
0
1
2
3
4
5
0
10
0
10
20
30
40
50
0.5
1.0
1.5
2.0
2.5
0
2
4
6
8
20
25
50
75
100
125
150
-50
-25
0
25
50
75
100 125 150
0.7
0.8
0.9
1.0
1.1
1.2
-50
-25
0
25
50
75
100 125 150
0.4
0.6
0.8
1.0
1.2
1.4
0.5
0.0
1.0
1.5
2.0
2.5
-50
-25
0
25
50
75
100 125 150
4
8
12
16
20
5
0
10
15
4
6
8
APT6035BN
6V
V
GS
=10V
5.5V
4V
4.5V
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com