Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSDWI03 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MSDWI03
Description  DC/DC CONVERTER 3W, Ultra compact SMD Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSDWI03 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MSDWI03 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSDWI03 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSDWI03 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSDWI03 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MSDWI03 SERIES
DC/DC CONVERTER 3W, SMD Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/07/16 REV:17
Page 1 of 4
®
FEATURES
►Ultra compact SMD Package
24.0 x 13.7 x 8.0 mm (0.94 x 0.54 x 0.31 inches)
►Efficiency up to 80%
►I/O-isolation 1500VDC
►Ultra-wide 4:1 Input Range
►Operating Temp. Range -40°C to +80°C
►Remote On/Off Control
►Input Filter meets EN 55022,class A and FCC, level A
►CSA/UL/IEC/EN 60950-1 Safety Approval
►Qualified for lead-free Reflow Solder Process according
IPC/JEDEC J-STD-020D
► 3 Years Product Warranty
PRODUCT OVERVIEW
Minmax's MSDWI03 series power modules are in mini-SMD DC/DC converters that operate over input voltage ranges of 9-36VDC and 18-75VDC which
provide precisely regulated output voltages of 3.3V, 5V, 12V, 15V, 24V, ±5V, ±12V and ±15VDC.
Pin compatible with the MDW1000 series, the MDWI03 offers a power rating up to 3W and a typical full-load efficiency of 80%, continuous short circuit,
remote on/off control, EN55022 Class A conducted noise compliance minimize design-in time, cost and eliminate the need for external filtering.
The MSDWI03 series is an excellent selection for data communication equipment, mobile battery driven equipment, distributed power system,
telecommunication equipment, mixed analog/digital subsystem, process/machine control equipment, computer peripheral equipment and industrial robot
system.
Model Selection Guide
Output
Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
μF
%
MSDWI03-24S033
3.3
600
90
110
220
75
MSDWI03-24S05
5
600
90
160
220
78
MSDWI03-24S12
12
250
38
156
47
80
MSDWI03-24S15
15
200
30
156
47
80
MSDWI03-24S24
24
125
19
156
47
80
MSDWI03-24D05
±5
±300
±45
162
47#
77
MSDWI03-24D12
±12
±125
±19
156
47#
80
MSDWI03-24D15
24
(9 ~ 36)
±15
±100
±15
156
30
47#
80
MSDWI03-48S033
3.3
600
90
55
220
75
MSDWI03-48S05
5
600
90
80
220
78
MSDWI03-48S12
12
250
38
78
47
80
MSDWI03-48S15
15
200
30
78
47
80
MSDWI03-48S24
24
125
19
78
47
80
MSDWI03-48D05
±5
±300
±45
81
47#
77
MSDWI03-48D12
±12
±125
±19
78
47#
80
MSDWI03-48D15
48
(18 ~ 75)
±15
±100
±15
78
20
47#
80
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
24V Input Models
-0.7
---
50
Input Surge Voltage (1 sec. max.)
48V Input Models
-0.7
---
100
24V Input Models
4.5
6
8.5
Start-Up Threshold Voltage
48V Input Models
8.5
12
17
24V Input Models
---
---
8
Under Voltage Shutdown
48V Input Models
---
---
16
VDC
Short Circuit Input Power
---
---
2000
mW
Conducted EMI
All Models
Compliance to EN 55022,class A and FCC part 15,class A


Similar Part No. - MSDWI03

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MSDWI03 TOTAL-POWER-MSDWI03 Datasheet
464Kb / 4P
Input Filter meets EN 55022,class A and FCC, level A
MSDWI03-24D05 TOTAL-POWER-MSDWI03-24D05 Datasheet
464Kb / 4P
Input Filter meets EN 55022,class A and FCC, level A
MSDWI03-24D12 TOTAL-POWER-MSDWI03-24D12 Datasheet
464Kb / 4P
Input Filter meets EN 55022,class A and FCC, level A
MSDWI03-24D15 TOTAL-POWER-MSDWI03-24D15 Datasheet
464Kb / 4P
Input Filter meets EN 55022,class A and FCC, level A
MSDWI03-24S033 TOTAL-POWER-MSDWI03-24S033 Datasheet
464Kb / 4P
Input Filter meets EN 55022,class A and FCC, level A
More results

Similar Description - MSDWI03

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03 Datasheet
330Kb / 4P
DC/DC CONVERTER 3W, DIP-Package Ultra compact DIP-Package
MSGWI06 MINMAX-MSGWI06 Datasheet
336Kb / 4P
DC/DC CONVERTER 6W, Ultra compact SMD Package
logo
Delta Electronics, Inc.
DE03S DELTA-DE03S Datasheet
211Kb / 4P
3W DC/DC CONVERTER, DIP-Package
logo
Minmax Technology Co., ...
MCW03 MINMAX-MCW03_16 Datasheet
601Kb / 4P
DC/DC CONVERTER 3W, SIP-Package
MCWI03 MINMAX-MCWI03_16 Datasheet
582Kb / 4P
DC/DC CONVERTER 3W, SIP-Package
MDWI03 MINMAX-MDWI03_15 Datasheet
558Kb / 4P
DC/DC CONVERTER 3W, DIP Package
MIW1100 MINMAX-MIW1100_15 Datasheet
511Kb / 5P
DC/DC CONVERTER 3W, DIP-Package
MSCWI03 MINMAX-MSCWI03 Datasheet
921Kb / 5P
DC/DC CONVERTER 3W, SMD Package
MSDWI03 MINMAX-MSDWI03_15 Datasheet
580Kb / 5P
DC/DC CONVERTER 3W, SMD Package
MSIW1000 MINMAX-MSIW1000_15 Datasheet
412Kb / 5P
DC/DC CONVERTER 3W, SMD-Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com