Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSDWI03 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MSDWI03
Description  DC/DC CONVERTER 3W, Ultra compact SMD Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSDWI03 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MSDWI03 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSDWI03 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSDWI03 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSDWI03 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MSDWI03 SERIES
DC/DC CONVERTER 3W, SMD Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/07/16 REV:17
Page 3 of 4
®
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%
3
Ripple & Noise measurement bandwidth is 0-20MHz.
4
These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these modules;
however, they may not meet all specifications listed.
5
All DC/DC converters should be externally fused at the front end for protection.
6
Other input and output voltage may be available, please contact factory.
7
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
8
It is not recommended to use water-washing process on SMT units.
9
Specifications are subject to change without notice.
Package Specifications
Mechanical Dimensions
Connecting Pin Patterns
►All dimensions in mm (inches)
►Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
►Pins ±0.05(±0.002)
Pin Connections
Physical Characteristics
Pin
Single Output
Dual Output
Case Size
:
24.0x13.7x8.0 mm (0.94x0.54x0.31 inches)
1
-Vin
-Vin
2
Remote On/Off
Remote On/Off
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
7
NC
NC
8
NC
Common
Pin Material
:
phosphor bronze
9
+Vout
+Vout
10
-Vout
-Vout
Weight
:
4.2g
16
+Vin
+Vin
NC: No Connection
3.11
[0.12]
15.24 [0.60]
2.54
[0.10]
1.00
[0.04]
24.0[0.94]
16
10
9
17
8
2
0.1 S
S SEATING
PLANE
19.3 [0.76]
2.54 [0.10]
2.54 [0.10]
12.7 [0.50]
17.78 [0.70]
1.4 [0.06](Min)
2.8 [0.11]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com