Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1 Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # A1
Description  Glass passivated device
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

A1 Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  A1 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. A1 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A1-A7
GAOMI XINGHE ELECTRONICSCO.,LTD. WWW.SDDZG.COM  TEL:0536-2210359  QQ:464768017
Case: JEDEC SOD-123FL molded plastic body over passivated chip
Terminals: Solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.006 ounce, 0.02 grams
Glass passivated device
Ideal for surface mouted applications
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Metallurgically bonded construction
High temperature soldering guaranteed:
250 C/10 seconds,0.375”(9.5mm) lead length,
5 lbs. (2.3kg) tension
Low reverse leakage
Note:
3.Thermal resistance from junction to ambient at 0.375
” (9.5mm)lead length,P.C.B. mounted
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
1.Averaged over any 20ms period.
SYMBOLS
100
70
100
400
280
400
200
140
200
600
420
600
800
560
800
VRRM
VRMS
VDC
I(AV)
IFSM
VF
1.0
25.0
1.1
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TA=65 C (NOTE 1)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=125 C
Typical junction capacitance (NOTE 2)
IR
10.0
50.0
R
θJA
CJ
TJ,TSTG
180
4
-55 to +150
Typical thermal resistance (NOTE 3)
UNITS
VOLTS
VOLTS
VOLTS
Amp
Amps
Volts
pF
C
A
µ
K/W
A2
TL=25 C
50
35
50
A1
1000
700
1000
SOD-123FL
2.8±0.1
Cathode Band
Top View
3.7±0.2
0.6±0.25
Dimensions in millimeters
A3
A4
A5
A6
A7
GAOMI FEI SHI LONG DA ELECTRONICS Co.,Ltd
高 密 飞 仕 龙 达 电 子 有 限 公 司 
星合电子
XINGHE ELECTRONICS
1


Similar Description - A1

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CLLDB3 CDIL-CLLDB3 Datasheet
199Kb / 4P
SILICON DIAC BIDIRECTIONAL TRIGGER DIODE GLASS PASSIVATED PNPN DEVICE
logo
HY ELECTRONIC CORP.
GBU10005 HY-GBU10005 Datasheet
91Kb / 2P
GLASS PASSIVATED GLASS PASSIVATED
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Shenzhen Taychipst Elec...
EGP15A TAYCHIPST-EGP15A Datasheet
2Mb / 2P
INTERED GLASS PASSIVATED INTERED GLASS PASSIVATED
logo
Gaomi Xinghe Electronic...
A-1 GXELECTRONICS-A-1 Datasheet
382Kb / 2P
Glass passivated device
logo
Continental Device Indi...
DIACDB3-22 CDIL-DIACDB3-22 Datasheet
101Kb / 4P
SILICON DIAC BIDIRECTIONAL TRIGGER DIODE GLASS PASSIVATED PNPN DEVICE
DB3 CDIL-DB3 Datasheet
172Kb / 4P
SILICON DIAC BIDIRECTIONAL TRIGGER DIODE GLASS PASSIVATED PNPN DEVICE
logo
HY ELECTRONIC CORP.
KBP2005G HY-KBP2005G_17 Datasheet
143Kb / 3P
GLASS PASSIVATED GLASS PASSIVATED
logo
Hi-Sincerity Mocroelect...
HSK07M HSMC-HSK07M Datasheet
198Kb / 4P
Glass passivated device
logo
Shanghai Leiditech Elec...
LA1 LEIDITECH-LA1 Datasheet
603Kb / 2P
Glass passivated device Ideal for surface mouted applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com