Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1 Datasheet(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # A1
Description  Glass passivated device
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

A1 Datasheet(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

  A1 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. A1 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 --TYPICAL FORWARD CHARACTERISTIC
2
GAOMI XINGHE ELECTRONICSCO.,LTD. WWW.SDDZG.COM  TEL:0536-2210359  QQ:464768017
FIG.2 -- TYPICAL JUNCTION CAPACITANCE
INSTANTANEOUS FORWARD VOLTAGE,mV
REVERSE VOLTAGE,VOLTS
100
1000
600
700
800
900
1000
1100
TJ = 150
°C
TJ =25
°C
TJ = 100
°C
0
5
10
15
20
25
30
35
40
10
9
8
7
6
5
4
3
2
1
0
FIG.3 -- TYPICAL INSTANTANEOUS
FIG.4 -- FORWARD DERATING CURVE
AMBIENT TEMPERATURE,
INSTANTANEOUS REVERSE VOLTAGE,V
0
100 200 300 400 500 600 700 800
900
0.01
0.1
10
1
100
TJ = 150°C
TJ = 125°C
TJ = 100°C
TJ =75°C
TJ =50°C
TJ =25°C
REVERSE CHARACTERISTICS
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
175
星合电子
XINGHE ELECTRONICS
A1-A7



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com