Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR0520 Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # MBR0520
Description  0.5 Amp Schottky Rectifier 20 to 80 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

MBR0520 Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  MBR0520 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. MBR0520 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
星 合 电 子
0
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.140
.152
3.55
3.85
B
.100
.112
2.55
2.85
C
.055
.071
1.40
1.80
D
-----
.053
-----
1.35
E
.012
.031
0.30
.78
G
.006
-----
0.15
-----
H
-----
.01
-----
.25
J
-----
.006
-----
.15
Features
For Surface Mount Application
Low Forward Voltage
and Extremely Low Thermal Resistance
Maximum Ratings
Operating Temperature: -55
oC to +150oC
Storage Temperature: -55
oC to +150oC
Maximum Thermal Resistance:
244
oC/W Junction to Ambient
MBR0520
R2
20V
14V
20V
MBR0530
R3
30V
21V
30V
MBR0540
R4
40V
28V
40V
MBR0560
R6
60V
42V
60V
Maximum
DC
Blocking
Voltage
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Electrical Characteristics @ 25
oC Unless Otherwise Specified
Average Forward
Current
IF(AV)
0.5A
Peak Forward Surge
Current
IFSM
5.5A
8.3ms half sine
Maximum Instantaneous
Forward Voltage
MBR0520
0.45V
MBR0530
MBR0540
MBR0560
MBR0580
V F
0.55V
0.55V
0.70V
0.80V
IFM=0.5A
TA=25
oC
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.2mA
TJ=25
oC
Typical Junction
Capacitance
C J
30pF
Measured at
1.0MHz,
V
R
=4.0 V
MBR0520 THRUMBR058
0.5 Amp Schottky Rectifier
20 to 80 Volts
0.036”
0.093"
0.048”
SUGGESTED SOLDER
PAD LAYOUT
A
B
E
C
J
D
H
G
SOD123
TA=50
oC
Power dissipation
P
410mW
D
Lead Free Finish/RoHS Compliant ("P" Suffix
designates RoHS Compliant. See ordering information)
MBR0580
R8
80V
56V
80V
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
XINGHE ELECTRONICS
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017
1


Similar Part No. - MBR0520

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR0520 MCC-MBR0520 Datasheet
90Kb / 2P
0.5 Amp Schottky Rectifier 20 to 100 Volts
logo
ON Semiconductor
MBR0520 ONSEMI-MBR0520 Datasheet
152Kb / 13P
1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
MBR0520 ONSEMI-MBR0520 Datasheet
157Kb / 13P
1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
logo
International Rectifier
MBR0520 IRF-MBR0520 Datasheet
116Kb / 6P
SCHOTTKY DIODE
logo
Vishay Siliconix
MBR0520 VISHAY-MBR0520 Datasheet
81Kb / 5P
Schottky Diode, 0.5 A
22-Aug-08
More results

Similar Description - MBR0520

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR0520 MCC-MBR0520_11 Datasheet
293Kb / 3P
0.5 Amp Schottky Rectifier 20 to 80 Volts
logo
Gaomi Xinghe Electronic...
MBR0530 GXELECTRONICS-MBR0530 Datasheet
692Kb / 2P
0.5 Amp Schottky Rectifier 20 to 80 Volts
MBR0540 GXELECTRONICS-MBR0540 Datasheet
692Kb / 2P
0.5 Amp Schottky Rectifier 20 to 80 Volts
MBR0560 GXELECTRONICS-MBR0560 Datasheet
692Kb / 2P
0.5 Amp Schottky Rectifier 20 to 80 Volts
MBR0580 GXELECTRONICS-MBR0580 Datasheet
692Kb / 2P
0.5 Amp Schottky Rectifier 20 to 80 Volts
logo
Micro Commercial Compon...
MBR0520-TP MCC-MBR0520-TP Datasheet
323Kb / 3P
0.5 Amp Schottky Rectifier 20 to 80 Volts
MBR0540-TP MCC-MBR0540-TP Datasheet
323Kb / 3P
0.5 Amp Schottky Rectifier 20 to 80 Volts
MBR0560-TP MCC-MBR0560-TP Datasheet
323Kb / 3P
0.5 Amp Schottky Rectifier 20 to 80 Volts
MBR0580-TP MCC-MBR0580-TP Datasheet
283Kb / 4P
0.5 Amp Schottky Rectifier 20 to 80 Volts
MBR0520 MCC-MBR0520_16 Datasheet
199Kb / 3P
0.5 Amp Schottky Rectifier 20 to 80 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com