Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR0520 Datasheet(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # MBR0520
Description  0.5 Amp Schottky Rectifier 20 to 80 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

MBR0520 Datasheet(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

  MBR0520 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. MBR0520 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Average Forward Rectified Current - Amperes
versus
Ambient Temperature -
°C
Figure 1
Forward Derating Curve
0
175
50
75
100
125
0
.2
.4
.6
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
150
.8
1.0
1.2
1
100
4
0
2
4
6
8
Figure 2
Peak Forward Surge Current
Peak Forward Surge Current - Amperes
versus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
10
20
60 80
40
8
10
12
Figure 5
Typical Forward Characteristics
MBR0560
Figure 3
Typical Forward Characteristics
MBR0520
Figure 4
Typical Forward Characteristics
MBR0530~MBR0540
1
0.1
0.01
0.1
0.2
0.3
0.4
0.5
TJ = 100°C
75°C 25°C
−25°C
vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
1
0.1
TJ =125°C
75°C
25°C
40 °C
0.01
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
vF, INSTANTANEOUS VOLTAGE (VOLTS)
1
0.1
TJ =125°C
75°C
25°C
40 °C
0.01
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0
°C
Figure 6
Typical Forward Characteristics
1
0.1
TJ =125°C
75°C
25°C
40 °C
0.01
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
vF, INSTANTANEOUS VOLTAGE (VOLTS)
MBR0580
星 合 电 子
0
MBR0520 THRUMBR058
0.5 Amp Schottky Rectifier
20 to 80 Volts
XINGHE ELECTRONICS
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com