Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF2N05ZR2 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMDF2N05ZR2
Description  DUAL TMOS POWER MOSFET 2.0 AMPERES 50 VOLTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF2N05ZR2 Datasheet(HTML) 1 Page - Motorola, Inc

  MMDF2N05ZR2 Datasheet HTML 1Page - Motorola, Inc MMDF2N05ZR2 Datasheet HTML 2Page - Motorola, Inc MMDF2N05ZR2 Datasheet HTML 3Page - Motorola, Inc MMDF2N05ZR2 Datasheet HTML 4Page - Motorola, Inc MMDF2N05ZR2 Datasheet HTML 5Page - Motorola, Inc MMDF2N05ZR2 Datasheet HTML 6Page - Motorola, Inc MMDF2N05ZR2 Datasheet HTML 7Page - Motorola, Inc MMDF2N05ZR2 Datasheet HTML 8Page - Motorola, Inc MMDF2N05ZR2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
Medium Power Surface Mount Products
TMOS Dual N-Channel with
Monolithic Zener ESD
Protected Gate
EZFETs
™ are an advanced series of power MOSFETs which
utilize Motorola’s High Cell Density TMOS process and contain
monolithic back–to–back zener diodes. These zener diodes
provide protection against ESD and unexpected transients. These
miniature surface mount MOSFETs feature ultra low RDS(on) and
true logic level performance. They are capable of withstanding high
energy in the avalanche and commutation modes and the
drain–to–source diode has a very low reverse recovery time.
EZFET devices are designed for use in low voltage, high speed
switching applications where power efficiency is important. Typical
applications are dc–dc converters, and power management in
portable and battery powered products such as computers,
printers, cellular and cordless phones. They can also be used for
low voltage motor controls in mass storage products such as disk
drives and tape drives.
• Ultra Low RDS(on) Provides Higher Efficiency and Extends Battery Life
• Logic Level Gate Drive — Can Be Driven by Logic ICs
• Miniature SO–8 Surface Mount Package — Saves Board Space
• Diode Is Characterized for Use In Bridge Circuits
• Diode Exhibits High Speed, With Soft Recovery
• IDSS Specified at Elevated Temperature
• Mounting Information for SO–8 Package Provided
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
50
Vdc
Drain–to–Gate Voltage (RGS = 1.0 MΩ)
VDGR
50
Vdc
Gate–to–Source Voltage — Continuous
VGS
± 15
Vdc
Drain Current — Continuous @ TA = 25°C
Drain Current — Continuous @ TA = 70°C
Drain Current — Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
2.0
1.7
8.0
Adc
Apk
Total Power Dissipation @ TA = 25°C (1)
PD
2.0
Watts
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Thermal Resistance — Junction to Ambient
R
θJA
62.5
°C/W
Maximum Temperature for Soldering Purposes
TL
260
°C
DEVICE MARKING
D2N05Z
ORDERING INFORMATION
Device
Reel Size
Tape Width
Quantity
MMDF2N05ZR2
13
″
12 mm embossed tape
2500 units
(1) When mounted on G10/FR–4 glass epoxy board using minimum recommended footprint.
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Preferred devices are Motorola recommended choices for future use and best overall value.
Designer’s, HDTMOS and EZFET are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc. Thermal Clad is a trade-
mark of the Bergquist Company.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MMDF2N05ZR2/D
© Motorola, Inc. 1997
™
MMDF2N05ZR2
DUAL TMOS
POWER MOSFET
2.0 AMPERES
50 VOLTS
RDS(on) = 0.300 OHM
CASE 751–05, Style 11
SO–8
D
S
G
Source–1
1
2
3
4
8
7
6
5
Top View
Gate–1
Source–2
Gate–2
Drain–1
Drain–1
Drain–2
Drain–2
Motorola Preferred Device
REV 1


Similar Part No. - MMDF2N05ZR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDF2N05ZR2 ONSEMI-MMDF2N05ZR2 Datasheet
235Kb / 10P
Power MOSFET
August, 2006 ??Rev. 3
More results

Similar Description - MMDF2N05ZR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF2C01HD MOTOROLA-MMDF2C01HD Datasheet
372Kb / 12P
COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 12 VOLTS
MMDF2C02HD MOTOROLA-MMDF2C02HD Datasheet
356Kb / 12P
COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 20 VOLTS
MMDF2C03HD MOTOROLA-MMDF2C03HD Datasheet
381Kb / 12P
COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 30 VOLTS
MMDF2P01HD MOTOROLA-MMDF2P01HD Datasheet
284Kb / 10P
DUAL TMOS POWER FET 2.0 AMPERES 12 VOLTS
MMDF2P02HD MOTOROLA-MMDF2P02HD Datasheet
257Kb / 10P
DUAL TMOS POWER FET 2.0 AMPERES 20 VOLTS
MMFT2N25E MOTOROLA-MMFT2N25E Datasheet
139Kb / 6P
TMOS POWER FET 2.0 AMPERES 250 VOLTS
MTB2N40E MOTOROLA-MTB2N40E Datasheet
271Kb / 10P
TMOS POWER FET 2.0 AMPERES 400 VOLTS
MTB2N60E MOTOROLA-MTB2N60E Datasheet
271Kb / 10P
TMOS POWER FET 2.0 AMPERES 600 VOLTS
MTB2P50E MOTOROLA-MTB2P50E Datasheet
273Kb / 10P
TMOS POWER FET 2.0 AMPERES 500 VOLTS
MTDF1N03HD MOTOROLA-MTDF1N03HD Datasheet
225Kb / 12P
DUAL TMOS POWER MOSFET 2.0 AMPERES 30 VOLTS RDS(on) = 0.120 OHM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com