Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF2N05ZR2 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MMDF2N05ZR2
Description  DUAL TMOS POWER MOSFET 2.0 AMPERES 50 VOLTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF2N05ZR2 Datasheet(HTML) 2 Page - Motorola, Inc

  MMDF2N05ZR2 Datasheet HTML 1Page - Motorola, Inc MMDF2N05ZR2 Datasheet HTML 2Page - Motorola, Inc MMDF2N05ZR2 Datasheet HTML 3Page - Motorola, Inc MMDF2N05ZR2 Datasheet HTML 4Page - Motorola, Inc MMDF2N05ZR2 Datasheet HTML 5Page - Motorola, Inc MMDF2N05ZR2 Datasheet HTML 6Page - Motorola, Inc MMDF2N05ZR2 Datasheet HTML 7Page - Motorola, Inc MMDF2N05ZR2 Datasheet HTML 8Page - Motorola, Inc MMDF2N05ZR2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MMDF2N05ZR2
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(Cpk
≥ 2.0) (3)
(VGS = 0 Vdc, ID = 0.25 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
50
—
56
55
—
—
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 15 Vdc, VGS = 0 Vdc)
(VDS = 15 Vdc, VGS = 0 Vdc, TJ = 55°C)
IDSS
—
—
—
—
2.0
25
µAdc
Gate–Body Leakage Current (VGS = ± 15 Vdc, VDS = 0)
IGSS
—
0.14
0.5
ON CHARACTERISTICS(1)
Gate Threshold Voltage
(Cpk
≥ 2.0) (3)
(VDS = VGS, ID = 0.25 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
2.0
—
3.0
–5.0
4.0
—
Vdc
mV/
°C
Static Drain–to–Source On–Resistance
(Cpk
≥ 2.0) (3)
(VGS = 10 Vdc, ID = 1.5 Adc)
(VGS = 5.0 Vdc, ID = 0.6 Adc)
RDS(on)
—
—
200
350
300
500
m
Ω
Forward Transconductance
(VDS = 15 Vdc, ID = 2.5 Adc)
gFS
—
2.0
—
mMhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
15 Vdc V
0 Vdc
Ciss
—
104
—
pF
Output Capacitance
(VDS = 15 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
—
58
—
Transfer Capacitance
f = 1.0 MHz)
Crss
—
16
—
SWITCHING CHARACTERISTICS(2)
Turn–On Delay Time
(V
30 Vd
I
0 6 Ad
td(on)
—
24
48
ns
Rise Time
(VDD = 30 Vdc, ID = 0.6 Adc,
VGS =10Vdc
tr
—
46
92
Turn–Off Delay Time
VGS = 10 Vdc,
RG = 25 Ω)
td(off)
—
130
260
Fall Time
G
)
tf
—
71
142
Gate Charge
(see figure 8)
(V
25 Vd
I
1 3 Ad
QT
—
3.3
4.6
nC
(see figure 8)
(VDS = 25 Vdc, ID = 1.3 Adc,
Q1
—
0.7
—
( DS
, D
,
VGS = 10 Vdc)
Q2
—
1.3
—
Q3
—
1.4
—
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage
(IS = 2.0 Adc, VGS = 0 Vdc)
VSD
—
0.82
1.4
Vdc
Reverse Recovery Time
(I
2 0 Adc V
0 Vdc
trr
—
66
—
ns
(IS = 2.0 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
ta
—
23
—
dIS/dt = 100 A/µs)
tb
—
43
—
Reverse Recovery Storage Charge
QRR
—
0.08
—
µC
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com