Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4438 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # ACT4438
Description  ACT4438-1 Transceiver for MIL-STD-1553 / 1760 in a Chipscale Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4438 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  ACT4438 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4438 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4438 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4438 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4438 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4438 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4438 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Aeroflex Circuit Technology
5
SCD4438-1 REV A 11/19/01 Plainview NY (516) 694-6700
Figure 3 – Transmitter (TX) Output Waveform
Figure 4 – Transmitter (TX) Output Offset
Figure 5 – Typical Transformer Connection
6V P-P MIN
7.7V P-P MAX
90%
10%
tr*
tf*
* Rise and fall times measured at point A-A’ in Fig 5
0 Volts
OUTPUT OFFSET
*
OUTPUT OFFSET
*
LAST BIT
2.5 µsec
*Offset measured at point A-A’ in Fig 5
A
A’
ZO
ZO
55
Ω
55
Ω
0 volts
Magnified View
3
1
Figure 6 – Power Dissipation vs. Duty Cycle
Note: Vcc = 5 Volts, Vbus (pt A-A') at 7.5 Volts P-P
10
20
30
40
50
60
70
80
90 100
1600
1400
1200
1000
800
600
400
200
0
DUTY CYCLE – PERCENT
ZO
Typical
Maximum
2
4
5
6
7
8
Use Pulse/Technitrol
Part# 1553-45 or equivalent
TX DATA OUT
TX DATA OUT
RX DATA IN
RX DATA IN
ACT4438-1
Transformer Model:
51
52
23-26
18-21
GND
RISET
2.7K
Ω
+5V
6.8µF
0.1µF
9,35,39,50
37
Direct Stub
1:2.5
10,11,33,34
1800
2000
2200
Configurations and Ordering Information
Model No.
Screening Level
Receiver and Transmitter
Data Levels (See Figure 1)
Case
ACT4438-1
Industrial Temperature
-55°C to +90°C
Normally Low
56 Bump Chip
Carrier



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com