Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4438 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT4438
Description  ACT4438-1 Transceiver for MIL-STD-1553 / 1760 in a Chipscale Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4438 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT4438 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4438 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4438 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4438 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4438 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4438 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4438 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CIRCUIT TECHNOLOGY
www.aeroflex.com
eroflex Circuit T
echnology – Data Bus Modules For The Future © SCD4438-1 REV A 11/19/01
Features
• Transceiver meets military data bus requirements,
MIL-STD-1553 and MIL-STD-1760
• Low power dissipation at full output power
• Single +5V power supply
• Current Source Transmitter Output
• Bipolar Monolithic Construction
• Miniature Chipscale Package Bumped Chip Carrier
(BCC++)
General Description
The
Aeroflex
Circuit
Technology
Model
ACT4438-1
is
a
next
generation
monolithic transceiver
which provide full compliance with
MIL-STD-1553/1760 and data bus
requirements
in
a
Bumped
Chip
Carrier™ (BCC++) with the lowest
standby
power
consumption
and
single power supply operation.
The Model ACT4438-1 performs the
front-end analog function of inputting
and
outputting
data
through
a
transformer to a MIL-STD-1553/1760
data
bus
with
a
few
external
components.
Design of these transceivers reflects
particular attention to active filter
performance. This results in low bit
and word error rate with superior
waveform purity and minimal zero
crossover
distortion.
Efficient
transmitter
electrical
and
thermal
design provides low internal power
dissipation and heat rise at high as
well as low duty cycles.
Transmitter
The
Transmitter
section
accepts
bi-phase TTL data at the input and
when coupled to the data bus with a
1:2.5 transformer, isolated on the
data bus side with two 55 Ohm fault
isolation
resistors
for
direct
stub
coupling.
The
data
bus
signal
produced for RISET = 2.7K Ohm is
typically 7.5 Volts nominal P-P at
A-A’, See Figure 5. When both DATA
and DATA inputs are held low, the
transmitter output becomes a high
impedance and is “removed” from the
line.
In
addition,
an
overriding
“INHIBIT"
input
provides
for
the
removal of the transmitter output from
the line. A logic “1” applied to the
“INHIBIT”
takes
priority
over
the
Block Diagram (without Transformer)
ACT4438–1
Transceiver for MIL-STD-1553 / 1760
Preliminary
NOTE: BCC++ and Bumped Chip Carrier are Trademarks of Fujitsu Ltd.
SHAPING
OUTPUT
STAGE
COMP.
COMP.
REFERENCE
ACTIVE
FILTER
TX DATA IN
TX DATA IN
TX INHIBIT
+5 V
STROBE
RX DATA OUT
RX DATA OUT
GROUND
DRIVER
RISET
RX DATA IN
RX DATA IN
INPUT
AMP
TX DATA OUT
TX DATA OUT
in a Chipscale Package
Shown 2X


Similar Part No. - ACT4438

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4433 AEROFLEX-ACT4433 Datasheet
97Kb / 7P
ACT 4433 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4433-D AEROFLEX-ACT4433-D Datasheet
97Kb / 7P
ACT 4433 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4433-DF AEROFLEX-ACT4433-DF Datasheet
97Kb / 7P
ACT 4433 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4433-DFI AEROFLEX-ACT4433-DFI Datasheet
97Kb / 7P
ACT 4433 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4433-DI AEROFLEX-ACT4433-DI Datasheet
97Kb / 7P
ACT 4433 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
More results

Similar Description - ACT4438

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
5531760 AEROFLEX-5531760 Datasheet
94Kb / 7P
ACT 4487 SINGLE TRANSCEIVER FOR MIL-STD-1553/1760
ACT4402 AEROFLEX-ACT4402 Datasheet
89Kb / 7P
ACT4402 SINGLE TRANSCEIVER FOR MIL-STD-1553/1760
ACT4423 AEROFLEX-ACT4423 Datasheet
94Kb / 7P
ACT4423 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4433 AEROFLEX-ACT4433 Datasheet
97Kb / 7P
ACT 4433 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4436 AEROFLEX-ACT4436 Datasheet
94Kb / 7P
ACT 4436 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4487 AEROFLEX-ACT4487 Datasheet
99Kb / 7P
ACT 4487 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4489111111 AEROFLEX-ACT4489111111 Datasheet
99Kb / 7P
ACT 4489 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4444 AEROFLEX-ACT4444 Datasheet
213Kb / 10P
Transceiver for MIL-STD-1553 /MACAIR in a Chipscale Package
logo
Holt Integrated Circuit...
HI-2579 HOLTIC-HI-2579 Datasheet
636Kb / 11P
3.3V MIL-STD-1553/1760 Dual Transceiver
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com