Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4438-1 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # ACT4438-1
Description  ACT4438-1 Transceiver for MIL-STD-1553 / 1760 in a Chipscale Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4438-1 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  ACT4438-1 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4438-1 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4438-1 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4438-1 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4438-1 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4438-1 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4438-1 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Aeroflex Circuit Technology
6
SCD4438-1 REV A 11/19/01 Plainview NY (516) 694-6700
Package Pin Out Description - ACT4438-1
Pin #
Function
Pin #
Function
1NC
29
NC
2NC
30
NC
3NC
31
NC
4NC
32
NC
5VCC
33
VCC
*
6
TX DATA IN
34
VCC
*
7TX DATA IN
35
GND
8
TX INHIBIT IN
36
NC
9
GND
37
RISET
10
VCC
*
38
NC
11
VCC
*
39
GND
12
NC
40
RX DATA OUT
13
NC
41
RX STROBE
14
NC
42
RX DATA OUT
15
NC
43
NC
16
NC
44
NC
17
NC
45
NC
18
TX DATA OUT
*
46
NC
19
TX DATA OUT
*
47
NC
20
TX DATA OUT
*
48
NC
21
TX DATA OUT
*
49
VCC
22
NC
50
GND
23
TX DATA OUT
*
51
RX DATA IN
24
TX DATA OUT
*
52
RX DATA IN
25
TX DATA OUT
*
53
NC
26
TX DATA OUT
*
54
NC
27
NC
55
NC
28
NC
56
NC
* High current lines



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com