Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4438-1 Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # ACT4438-1
Description  ACT4438-1 Transceiver for MIL-STD-1553 / 1760 in a Chipscale Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4438-1 Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

  ACT4438-1 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4438-1 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4438-1 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4438-1 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4438-1 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4438-1 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4438-1 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Aeroflex Circuit Technology
7
SCD4438-1 REV A 11/19/01 Plainview NY (516) 694-6700
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11803
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: 1-(800) THE-1553
Specifications subject to change without notice.
CIR C UIT TECHNOL OGY
Package Description
DETAIL "A"
TOP VIEW
DETAIL "B"
DETAIL "C"
PIN 1 IDENTIFER & ESD INDICATOR
0.05
X
8.00 ±0.10
0.67±0.025
Notes
1. Dimensions in millimeters
BOTTOM VIEW
0.50 TYP
0.50±0.10
0.14 MIN
7.20 TYP
7.15 TYP
5.80
C.L.(Pkg)
"C"
"A"
"B"
C0.2
0.08 M
XY
Z
0.30 ±0.03
0.08 M
XY
Z
0.45 ±0.03
0.08 M
XY
Z
0.45 ±0.03
C0.2
0.80 MAX
0.075±0.025
Z
Z
0.20
Y
4438-1
Y
Z



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com