Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4459 Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # ACT4459
Description  ACT 4455 / 4459 SINGLE SUPPLY TRANSCEIVERS FOR MIL-STD-1553/1760
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4459 Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

  ACT4459 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4459 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4459 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4459 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4459 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4459 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4459 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4459 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Aeroflex Circuit Technology
SCD4455 REV A 1/29/98
Plainview NY (516) 694-6700
7
Figure 7 – Pin Numbers & Functions
ACT4455/4459
Pin #
Function
1
TX DATA OUT
2
+5V
3
+5V
4
TX DATA OUT
5
TX DATA OUT
6
GROUND 1
7
NC
8
NC
9
+5V
10
RX DATA OUT
11
STROBE
12
NC
13
RX DATA OUT
14
NC
15
+5V
16
GROUND 3
17
NC
18
RX DATA IN
19
RX DATA IN
20
NC
21
NC
22
GROUND 4
23
+5V
24
INHIBIT
25
TX DATA IN
26
TX DATA IN
27
GROUND 2
28
TX DATA OUT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com