Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4459 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT4459
Description  ACT 4455 / 4459 SINGLE SUPPLY TRANSCEIVERS FOR MIL-STD-1553/1760
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4459 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT4459 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4459 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4459 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4459 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4459 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4459 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4459 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4459 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
eroflex Circuit T
echnology – Data Bus Modules For The Future © SCD4455 REV A 1/29/98
CIRCUIT TECHNOLOGY
www.aeroflex.com/act1.htm
Features
• Single 5 Volt Supply Operation
• Low Power Dissipation
• Small Size & Light Weight
• Single Transceiver Save Space & Cost
• Outstanding MIL-STD-1553 performance
• Processed and Screened to Mil-STD-883
Specs
• Radiation Hard Dielectric Isolation
Monolithic construction for Severe
Environments
• Superior High Frequency Line Transient and
Input Ripple Rejection
• Input and Output TTL Compatible Design
• DESC SMD# 5962-96741
General Description:
The Aeroflex Circuit Technology
ACT4455 / 4459 series are next
generation
monolithic
transceiver
designs
which
provides
full
compliance with MIL-STD-1553A/B
and
1760
requirements
in
the
smallest packages with low power
consumption and single power supply
operation.
The
ACT4455
/
4459
series
performs
the
front-end
analog
function of inputting and outputting
data through a transformer to the
MIL-STD-1553 data bus.
Design
of
these
transceivers
reflects particular attention to active
filter performance. This results in low
bit and word error rate with superior
waveform purity and minimal zero
crossover
distortion.
Efficient
transmitter
electrical
and
thermal
design provides low internal power
dissipation and heat rise at high as
well as low duty cycles.
Transmitter:
The Transmitter section accepts
bi-phase TTL data at the input and
when coupled to the data bus with a
1:2.5 ratio transformer, isolated on
the data bus side with two 52.5 Ohm
fault isolation resistors, and loaded by
two 70 Ohm terminations, the data
bus signal is typically 7.5 Volts P-P
at A-A' (See Figure 5). When both
DATA and DATA inputs are held low
or
high,
the
transmitter
output
becomes a high impedance and is
“removed” from the line. In addition,
Block Diagram (without Transformer)
ACTIVE
OUTPUT
STAGE
COMP.
COMP.
REFERENCE
ACTIVE
FILTER
INPUT
AMPLIFIER
DRIVER
TX DATA IN
TX DATA IN
TX INHIBIT
+5 V
RX DATA IN
RX DATA IN
STROBE
TX DATA OUT
TX DATA OUT
RX DATA OUT
RX DATA OUT
FILTER
+5V RTN
ACT 4455 / 4459
SINGLE SUPPLY TRANSCEIVERS
FOR MIL-STD-1553/1760


Similar Part No. - ACT4459

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4453 AEROFLEX-ACT4453 Datasheet
122Kb / 8P
ACT 4453 / 4463 SINGLE SUPPLY TRANSCEIVERS FOR MIL-STD-1553/1760
ACT4453-2 AEROFLEX-ACT4453-2 Datasheet
122Kb / 8P
ACT 4453 / 4463 SINGLE SUPPLY TRANSCEIVERS FOR MIL-STD-1553/1760
ACT4454 AEROFLEX-ACT4454 Datasheet
173Kb / 8P
ACT 4454 / 4460 Single Supply Transceivers for MIL-STD-1553A/B & MacAir A3818, A4905, A5232 & A5690
logo
Active-Semi, Inc
ACT4455 ACTIVE-SEMI-ACT4455 Datasheet
674Kb / 15P
36V/5A Step Down DC/DC Converter
Rev 2, 21-Nov-12
ACT4455 ACTIVE-SEMI-ACT4455 Datasheet
673Kb / 16P
36V/5A Step Down DC/DC Converter
Rev 2, 21-Nov-12
More results

Similar Description - ACT4459

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
5531760 AEROFLEX-5531760 Datasheet
94Kb / 7P
ACT 4487 SINGLE TRANSCEIVER FOR MIL-STD-1553/1760
ACT4433 AEROFLEX-ACT4433 Datasheet
97Kb / 7P
ACT 4433 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4436 AEROFLEX-ACT4436 Datasheet
94Kb / 7P
ACT 4436 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4453 AEROFLEX-ACT4453 Datasheet
122Kb / 8P
ACT 4453 / 4463 SINGLE SUPPLY TRANSCEIVERS FOR MIL-STD-1553/1760
ACT4458 AEROFLEX-ACT4458 Datasheet
127Kb / 8P
ACT 4458 / 4464 SINGLE SUPPLY TRANSCEIVERS FOR MIL-STD-1553/1760
ACT4487 AEROFLEX-ACT4487 Datasheet
99Kb / 7P
ACT 4487 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4489 AEROFLEX-ACT4489 Datasheet
94Kb / 7P
ACT 4489 SINGLE TRANSCEIVER FOR MIL-STD-1553/1760
ACT4489111111 AEROFLEX-ACT4489111111 Datasheet
99Kb / 7P
ACT 4489 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
logo
Holt Integrated Circuit...
HI-1567 HOLTIC-HI-1567_13 Datasheet
83Kb / 10P
MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com