Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4464 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # ACT4464
Description  ACT 4458 / 4464 SINGLE SUPPLY TRANSCEIVERS FOR MIL-STD-1553/1760
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4464 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  ACT4464 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4464 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4464 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4464 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4464 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4464 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4464 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4464 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Aeroflex Circuit Technology
SCD4458 REV A 1/29/98 Plainview NY (516) 694-6700
5
Figure 3 – Transmitter (TX) Output Wave form
Figure 4 – Transmitter (TX) Output offset
Figure 5 – Typical direct transformer connection
Figure 6 – Power Dissipation vs. Duty Cycle
0
10
20
30
40
50
60
70
80
90 100
1600
1400
1200
1000
800
600
400
200
0
DUTY CYCLE – PERCENT
6V P-P MIN
9V P-P MAX
90%
10%
tr*
tf*
* Rise and fall times measured at point A-A' in Figure 5
0 Volts
OUTPUT OFFSET
*
OUTPUT OFFSET
*
LAST BIT
2.5 µsec
*Offset measured at point A-A' in Figure 5
N1:N2
A
A'
B'
B
TX DATA OUT
TX DATA OUT
RX DATA IN
RX DATA IN
70
70
52.5
52.5
Center
Tap
Transformer turns ratios:
N1:N2 = 1:2.5
N1:N3 = 1:1.77
Use Technitrol 1553-45 or equivalent
N1:N3 for
Stub
Coupling
0 volts
Magnified View
(Total hybrid with one channel transmitting
and the other not powered)
Note:Vcc=5 Volts,Transformer ratio 1:2.5, Vbus (pt A-A') at 7.5 Volts P-P
P
P'
1800
2000
Maximum
Typical



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com